Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

56K607-803N5 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part No. 56K607-803N5
Description  TNC 50 BULKHEAD JACK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

56K607-803N5 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  56K607-803N5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 56K607-803N5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
TNC 50
BULKHEAD JACK
56K607-803N5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
2 / 2
Electrical data
Impedance
50
Frequency
DC to 10 GHz
Return loss
 28 dB, DC to 1 GHz
 25 dB, 1 to 2 GHz
 20 dB, 2 to 4 GHz
Insertion loss
 0.05 dB, DC to 4 GHz
Insulation resistance
 5 G
Center contact resistance
 1.5 m
Outer contact resistance
 1 m
Test voltage
1500 V rms
Working voltage
500 V rms
Power handling (at 20 °C, sea level, VSWR 1.0)
 80 W @ 2 GHz
- Limitations are possible due to the used cable type –
Mechanical data
Mating cycles
 500
Center contact captivation: axial
 15 N
Coupling test torque
 1.7 Nm
Recommended torque
0.46 Nm to 0.69 Nm
Environmental data
Temperature range
-65 °C to +165 °C
Thermal shock
MIL-STD-202, Method 107, Condition B
Corrosion
MIL-STD-202, Method 101, Condition B
Vibration
MIL-STD-202, Method 204, Condition B
Shock
MIL-STD-202, Method 213, Condition G
Moisture resistance
MIL-STD-202, Method 106
RoHS
compliant
Tooling
Crimping tool
11W150-000
Crimp insert
11W150-402
Suitable cables
RG 316/U-d, K 02252 D
Weight
Weight
17 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Inge Mühlauer
10.08.04
Sa. Krautenbacher
20.03.14
b00
14-0352
T. Krojer
20.03.14
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn