Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

56K107-802N5 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part No. 56K107-802N5
Description  TNC 50 STRAIGHT JACK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

56K107-802N5 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  56K107-802N5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 56K107-802N5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
TNC 50
STRAIGHT JACK
56K107-802N5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
IEC 60169-17, MIL-PRF-39012, DIN EN 122200
Documents
Assembly instruction
51 T
Material and plating
Connector parts
Material
Plating
Center contact
CuBe
AuroDur®, gold plated
Outer contact
Brass
Flash white bronze over silver(e.g. Optargen®)
Body
Brass
Flash white bronze over silver(e.g. Optargen®)
Dielectric
PTFE
Crimping ferrule
Copper
Flash white bronze over silver(e.g. Optargen®)


Similar Part No. - 56K107-802N5

ManufacturerPart No.DatasheetDescription
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Rosenberger Hochfrequen...
56K107-106N5 ROSENBERGER-56K107-106N5 Datasheet
86Kb / 2P
   TNC 50 STRAIGHT JACK
More results

Similar Description - 56K107-802N5

ManufacturerPart No.DatasheetDescription
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Rosenberger Hochfrequen...
56K107-106N5 ROSENBERGER-56K107-106N5 Datasheet
86Kb / 2P
   TNC 50 STRAIGHT JACK
56K404-200N5 ROSENBERGER-56K404-200N5 Datasheet
88Kb / 2P
   TNC 50 Panel jack
56K611-272N5 ROSENBERGER-56K611-272N5 Datasheet
83Kb / 2P
   TNC 50 BULKHEAD JACK
51K156-K00N5 ROSENBERGER-51K156-K00N5 Datasheet
61Kb / 2P
   ADAPTOR bnc 50 jack - TnC 50 jack
56K407-802N5 ROSENBERGER-56K407-802N5 Datasheet
86Kb / 2P
   TNC 50 PANEL JACK
56K607-108N5 ROSENBERGER-56K607-108N5 Datasheet
44Kb / 2P
   TNC 50 BULKHEAD JACK
56K607-802N5 ROSENBERGER-56K607-802N5 Datasheet
82Kb / 2P
   TNC 50 BULKHEAD JACK
56K607-106N5 ROSENBERGER-56K607-106N5 Datasheet
87Kb / 2P
   TNC 50 BULKHEAD JACK
56K607-803N5 ROSENBERGER-56K607-803N5 Datasheet
118Kb / 2P
   TNC 50 BULKHEAD JACK
56K611-271N5 ROSENBERGER-56K611-271N5 Datasheet
82Kb / 2P
   TNC 50 廓 Bulkhead jack
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz