Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

56K101-K00N5 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part No. 56K101-K00N5
Description  ADAPTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

56K101-K00N5 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  56K101-K00N5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 56K101-K00N5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
ADAPTOR
TNC 50
 jack - jack
56K101-K00N5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
2 / 2
Electrical data
Impedance
50
Frequency
DC to 10 GHz
Return loss
 30 dB, DC to 2.5 GHz
 20 dB, 2.5 to 6 GHz
Insertion loss
 0.05 dB, DC to 6 GHz
Insulation resistance
 5 x103 M
Center contact resistance
 1.5 m
Outer contact resistance
 1 m
Test voltage
1500 V rms
Working voltage
500 V rms
Power handling (at 20 °C, sea level, VSWR 1.0)
 80 W @ 2 GHz
Mechanical data
Mating cycles
min. 500
Center contact captivation: axial
 15 N
Coupling test torque
max. 1.7 Nm
Recommended torque
0.46 Nm to 0.69 Nm
Environmental data
Temperature range
-45°C to +85°C
Thermal shock
MIL-STD-202, Meth. 107, Cond. B
Corrosion
MIL-STD-202, Meth. 101, Cond. B
Vibration
MIL-STD-202, Meth. 204, Cond. B
Shock
MIL-STD-202, Meth. 213, Cond. G
Moisture resistance
MIL-STD-202, Meth. 106
RoHS
compliant
Tooling
N/A
Suitable cables
N/A
Weight
Weight
13.5 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Chr. Entsfellner
24/07/08
Sa. Krautenbacher
19.03.14
d00
14-0352
T. Krojer
19.03.14
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 56K101-K00N5

ManufacturerPart No.DatasheetDescription
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Rosenberger Hochfrequen...
56K107-106N5 ROSENBERGER-56K107-106N5 Datasheet
86Kb / 2P
   TNC 50 STRAIGHT JACK
56K107-802N5 ROSENBERGER-56K107-802N5 Datasheet
88Kb / 2P
   TNC 50 STRAIGHT JACK
More results

Similar Description - 56K101-K00N5

ManufacturerPart No.DatasheetDescription
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Rosenberger Hochfrequen...
28K160-S00N5 ROSENBERGER-28K160-S00N5 Datasheet
40Kb / 2P
   ADAPTOR
17K117-K04L5 ROSENBERGER-17K117-K04L5 Datasheet
45Kb / 2P
   ADAPTOR
29K153-K00Z5 ROSENBERGER-29K153-K00Z5 Datasheet
39Kb / 2P
   ADAPTOR
18K107-K00L5 ROSENBERGER-18K107-K00L5 Datasheet
109Kb / 2P
   Adaptor
53S101-S00N5 ROSENBERGER-53S101-S00N5 Datasheet
40Kb / 2P
   ADAPTOR
03S109-K00S3 ROSENBERGER-03S109-K00S3 Datasheet
195Kb / 2P
   ADAPTOR
28K132-S00N5 ROSENBERGER-28K132-S00N5 Datasheet
56Kb / 2P
   ADAPTOR
01K101-K20D3 ROSENBERGER-01K101-K20D3 Datasheet
538Kb / 2P
   ADAPTOR
01S108-K00D3 ROSENBERGER-01S108-K00D3 Datasheet
514Kb / 2P
   Adaptor
02K108-K00S3 ROSENBERGER-02K108-K00S3 Datasheet
170Kb / 2P
   ADAPTOR
03K109-K00S3 ROSENBERGER-03K109-K00S3 Datasheet
167Kb / 2P
   ADAPTOR
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz