Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R79MC2390AA40H Datasheet(PDF) 2 Page - Kemet Corporation

Part # R79MC2390AA40H
Description  R79 Series Single Metallized Polypropylene Film, Radial, 5 mm Lead Spacing, Multipurpose Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R79MC2390AA40H Datasheet(HTML) 2 Page - Kemet Corporation

  R79MC2390AA40H Datasheet HTML 1Page - Kemet Corporation R79MC2390AA40H Datasheet HTML 2Page - Kemet Corporation R79MC2390AA40H Datasheet HTML 3Page - Kemet Corporation R79MC2390AA40H Datasheet HTML 4Page - Kemet Corporation R79MC2390AA40H Datasheet HTML 5Page - Kemet Corporation R79MC2390AA40H Datasheet HTML 6Page - Kemet Corporation R79MC2390AA40H Datasheet HTML 7Page - Kemet Corporation R79MC2390AA40H Datasheet HTML 8Page - Kemet Corporation R79MC2390AA40H Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3107_R79 • 4/7/2016
2
Film Capacitors – Polypropylene Pulse/High Frequency Capacitors
R79 Series Single Metallized Polypropylene Film, Radial, 5 mm Lead Spacing, Multipurpose Applications
Ordering Options Table
Lead Spacing
Nominal (mm)
Type of Leads and Packaging
Lead Length
(mm)
Lead and
Packaging
Code
5
Standard Lead and Packaging Options
Bulk (Bag)–Short Leads
4+1.5/-0
AA
Ammo Pack
H
0=18.5+/-0.5
DQ
Other Lead and Packaging Options
Tape &Reel (Standard Reel)
H
0=18.5+/-0.5
CK
Bulk (Bag)–Short Leads
10+/-1
JC
Bulk (Bag)–Short Leads
4.0+0.5/-0
JE
Bulk (Bag)–Short Leads
3.2+0.3/-0.2
JH
Bulk (Bag)–Long Leads
17+1/-2
Z3
Dimensions – Millimeters
H
p
LL
d
L
B
FRONT VIEW
SIDE VIEW
0.5
p
B
H
L
d
Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance
5.0
+/-0.4
3.5
+0.1
7.5
+0.1
7.2
+0.2
0.6
+/-0.05
5.0
+/-0.4
4.5
+0.1
9.5
+0.1
7.2
+0.3
0.6
+/-0.05
5.0
+/-0.4
5.0
+0.1
10.0
+0.1
7.2
+0.3
0.6
+/-0.05
5.0
+/-0.4
6.0
+0.1
11.0
+0.1
7.2
+0.3
0.6
+/-0.05
5.0
+/-0.4
7.2
+0.1
13.0
+0.1
7.2
+0.3
0.6
+/-0.05
Note: See Ordering Options Table for lead length (LL/Ho) options.


Similar Part No. - R79MC2390AA40H

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R79MC2100Z340J KEMET-R79MC2100Z340J Datasheet
56Kb / 1P
   Capacitor, film, 0.01 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=5 mm
R79MC2220Z340J KEMET-R79MC2220Z340J Datasheet
56Kb / 1P
   Capacitor, film, 0.022 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=5 mm
R79MC2220Z340J KEMET-R79MC2220Z340J_17 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R79, 0.022 uF, 5%, 400 V, 85C, Lead Spacing = 5mm
R79MC2470CK40J KEMET-R79MC2470CK40J Datasheet
59Kb / 1P
   R79, Film, Metallized Polypropylene, Commercial Grade, 0.047 uF, 5%, 400 V, 85C, Lead Spacing = 5mm
R79MC2470Z340J KEMET-R79MC2470Z340J Datasheet
56Kb / 1P
   Capacitor, film, 0.047 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=5 mm
More results

Similar Description - R79MC2390AA40H

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R71MF2100AA00J KEMET-R71MF2100AA00J Datasheet
2Mb / 21P
   R71 Series Single Metallized Polypropylene Film, Radial, SMPS PFC Applications
R79IC2330AA45J KEMET-R79IC2330AA45J Datasheet
54Kb / 1P
   R79, Film, Metallized Polypropylene, Commercial Grade, 0.033 uF, 5%, 250 V, 85C, Lead Spacing = 5mm
R79MC2470CK40J KEMET-R79MC2470CK40J Datasheet
59Kb / 1P
   R79, Film, Metallized Polypropylene, Commercial Grade, 0.047 uF, 5%, 400 V, 85C, Lead Spacing = 5mm
R79IC2220Z345J KEMET-R79IC2220Z345J_17 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R79, 0.022 uF, 5%, 250 V, 85C, Lead Spacing = 5mm
R79MC2220Z340J KEMET-R79MC2220Z340J_17 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R79, 0.022 uF, 5%, 400 V, 85C, Lead Spacing = 5mm
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Kemet Corporation
R75PN2820AA30K KEMET-R75PN2820AA30K Datasheet
722Kb / 26P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
R75PN2820AA30K KEMET-R75PN2820AA30K_16 Datasheet
1Mb / 27P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
R75 KEMET-R75 Datasheet
2Mb / 34P
   R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
3/26/2021
logo
Illinois Capacitor, Inc...
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com