Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0201FK-131MP Datasheet(PDF) 2 Page - YAGEO Corporation

Part # RC0201FK-131MP
Description  LEAD FREE CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0201FK-131MP Datasheet(HTML) 2 Page - YAGEO Corporation

  RC0201FK-131MP Datasheet HTML 1Page - YAGEO Corporation RC0201FK-131MP Datasheet HTML 2Page - YAGEO Corporation RC0201FK-131MP Datasheet HTML 3Page - YAGEO Corporation RC0201FK-131MP Datasheet HTML 4Page - YAGEO Corporation RC0201FK-131MP Datasheet HTML 5Page - YAGEO Corporation RC0201FK-131MP Datasheet HTML 6Page - YAGEO Corporation RC0201FK-131MP Datasheet HTML 7Page - YAGEO Corporation RC0201FK-131MP Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Chip Resistor Surface Mount
www.yageo.com
Aug. 22, 2014 V.0
Product specification
2
8
SERIES
RC_P
0100 to 2512
SCOPE
This specification describes RC
series chip resistors with made by
thick film process.
APPLICATIONS
All general purpose application
FEATURES
Total lead free without RoHS
exemption
Halogen Free Epoxy
Reducing environmentally
hazardous wastes
High component and equipment
reliability
Saving of PCB space
GLOBAL PART NUMBER
RC XXXX X X X XX XXXX P
(1)
(2) (3) (4) (5)
(6)
(7)
(1) SIZE
0100/0201/0402/0603/0805/1206/1210/1218/2010/2512
(2) TOLERANCE
D = ± 0.5%
F = ± 1.0%
J = ± 5.0% ( for jumper ordering, use code of J)
(3) PACKAGING TYPE
R = Paper taping reel
K = Embossed taping reel
S = ESD safe reel (0100 only)
(4) TEMPERATURE COEFFICIENT OF RESISTANCE
-= Based on spec.
(5) TAPING REEL
07= 7 inch dia. Reel
13=13 inch dia. Reel
7N = 7 inch dia. Reel, ESD safe reel (0100 only)
(6) RESISTANCE VALUE
There are 2~4 digits indicated the resistance value.
Letter R/K/M is decimal point.
Example:
97R6 = 97.6Ω
9K76 = 9760Ω
1M = 1,000,000Ω
(7) DEFAULT CODE
Letter P is lead free (without RoHS exemption)
ORDERING INFORMATION - GLOBAL PART NUMBER
Global part numbers are identified by the series, size, tolerance, packing
type, temperature coefficient, taping reel and resistance value.
ORDERING EXAMPLE
The ordering code for a RC0402 0.0625W chip resistor value 100KΩ
with ±5% tolerance, supplied in 7-inch tape reel of 10,000 units per reel
is: RC0402JR-07100KP.


Similar Part No. - RC0201FK-131MP

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0201FK-131ML YAGEO-RC0201FK-131ML Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0201FK-131MP

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WR10 WALSIN-WR10 Datasheet
229Kb / 8P
   General purpose chip resistors RoHS exemption free lead free
logo
Vishay Siliconix
CRCW02012K20JNED VISHAY-CRCW02012K20JNED Datasheet
110Kb / 6P
   Lead (Pb)-free Commodity Thick Film Chip Resistors
Revision: 06-Jun-12
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
   Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW0402261RFKED VISHAY-CRCW0402261RFKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206221KFKEA VISHAY-CRCW1206221KFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW02011K50FNED VISHAY-CRCW02011K50FNED Datasheet
90Kb / 5P
   Lead (Pb)-free Commodity Thick Film Chip Resistors
Revision: 06-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com