Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1086D2T-33R4G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1086D2T-33R4G
Description  1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1086D2T-33R4G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1086D2T-33R4G Datasheet HTML 2Page - ON Semiconductor NCP1086D2T-33R4G Datasheet HTML 3Page - ON Semiconductor NCP1086D2T-33R4G Datasheet HTML 4Page - ON Semiconductor NCP1086D2T-33R4G Datasheet HTML 5Page - ON Semiconductor NCP1086D2T-33R4G Datasheet HTML 6Page - ON Semiconductor NCP1086D2T-33R4G Datasheet HTML 7Page - ON Semiconductor NCP1086D2T-33R4G Datasheet HTML 8Page - ON Semiconductor NCP1086D2T-33R4G Datasheet HTML 9Page - ON Semiconductor NCP1086D2T-33R4G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NCP1086
http://onsemi.com
6
CAdj
IAdj
Figure 15. Resistor Divider Scheme
VREF
R2
R1
C2
VOUT
VIN
C1
VIN
VOUT
Adj
NCP1086
The adjustable output linear regulator has an absolute
maximum specification of 7.0 V for the voltage difference
between VIN and VOUT. However, the IC may be used to
regulate voltages in excess of 7.0 V.
The
main
considerations in such a design are powerup and short circuit
capability.
In most applications, ramp−up of the power supply to VIN
is fairly slow, typically on the order of several tens of
milliseconds, while the regulator responds in less than one
microsecond. In this case, the linear regulator begins
charging the load as soon as the VIN to VOUT differential is
large enough that the pass transistor conducts current. The
load at this point is essentially at ground, and the supply
voltage is on the order of several hundred mV, with the result
that the pass transistor is in dropout. As the supply to VIN
increases, the pass transistor will remain in dropout, and
current is passed to the load until VOUT reaches the point at
which the IC is in regulation. Further increase in the supply
voltage brings the pass transistor out of dropout. The result
is that the output voltage follows the power supply ramp−up,
staying in dropout until the regulation point is reached. In
this manner, any output voltage may be regulated. There is
no theoretical limit to the regulated voltage as long as the
VIN to VOUT differential of 7.0 V is not exceeded.
However, the possibility of destroying the IC in a short
circuit condition is very real for this type of design. Short
circuit conditions will result in the immediate operation of
the pass transistor outside of its safe operating area.
Overvoltage stresses will then cause destruction of the pass
transistor before overcurrent or thermal shutdown circuitry
can become active. Additional circuitry may be required to
clamp the VIN to VOUT differential to less than 7.0 V if
fail−safe operation is required. One possible clamp circuit is
illustrated in Figure 16; however, the design of clamp
circuitry must be done on an application by application
basis. Care must be taken to ensure the clamp actually
protects the design. Components used in the clamp design
must be able to withstand the short circuit condition
indefinitely while protecting the IC.
Figure 16. Short Circuit Protection Circuit for High
Voltage Application
VIN
VOUT
Adj
NCP1086
VOUT
EXTERNAL
SUPPLY
Stability Considerations
The output or compensation capacitor helps determine
three main characteristics of a linear regulator: startup delay,
load transient response and loop stability.
The capacitor value and type is based on cost, availability,
size and temperature constraints. A tantalum or aluminum
electrolytic capacitor is best, since a film or ceramic
capacitor with almost zero ESR can cause instability. The
aluminum electrolytic capacitor is the least expensive
solution. However, when the circuit operates at low
temperatures, both the value and ESR of the capacitor will
vary considerably. The capacitor manufacturers’ data sheet
provides this information.
A 22
mF tantalum capacitor will work for most
applications, but with high current regulators such as the
NCP1086 series the transient response and stability improve
with higher values of capacitance. The majority of
applications for this regulator involve large changes in load
current, so the output capacitor must supply the
instantaneous load current. The ESR of the output capacitor
causes an immediate drop in output voltage given by:
DV + DI
ESR
For microprocessor applications it is customary to use an
output capacitor network consisting of several tantalum and
ceramic capacitors in parallel. This reduces the overall ESR
and reduces the instantaneous output voltage drop under
load transient conditions. The output capacitor network
should be as close as possible to the load for the best results.


Similar Part No. - NCP1086D2T-33R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1086D2T-33R4G ONSEMI-NCP1086D2T-33R4G Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
More results

Similar Description - NCP1086D2T-33R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
CS52015-3 ONSEMI-CS52015-3 Datasheet
217Kb / 8P
   1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS5203A-1 ONSEMI-CS5203A-1 Datasheet
86Kb / 10P
   3.0 A Adjustable, and Fixed 1.5 V, 3.3 V and 5.0 V Linear Regulators
June, 2004 ??Rev. 7
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5204-1 ONSEMI-CS5204-1_06 Datasheet
239Kb / 9P
   4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006 ??Rev. 9
CS5205-1 ONSEMI-CS5205-1 Datasheet
245Kb / 9P
   5.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006??Rev. 8
CS5206-3 ONSEMI-CS5206-3 Datasheet
77Kb / 10P
   6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators
January, 2004 ??Rev. 7
CS5204-1 ONSEMI-CS5204-1 Datasheet
73Kb / 10P
   4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
January, 2004 ??Rev. 8
CS5204-2 ONSEMI-CS5204-2_06 Datasheet
196Kb / 7P
   4.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 10
CS5203-3 ONSEMI-CS5203-3 Datasheet
172Kb / 6P
   3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com