Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1086D2T-33 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1086D2T-33
Description  1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1086D2T-33 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1086D2T-33 Datasheet HTML 1Page - ON Semiconductor NCP1086D2T-33 Datasheet HTML 2Page - ON Semiconductor NCP1086D2T-33 Datasheet HTML 3Page - ON Semiconductor NCP1086D2T-33 Datasheet HTML 4Page - ON Semiconductor NCP1086D2T-33 Datasheet HTML 5Page - ON Semiconductor NCP1086D2T-33 Datasheet HTML 6Page - ON Semiconductor NCP1086D2T-33 Datasheet HTML 7Page - ON Semiconductor NCP1086D2T-33 Datasheet HTML 8Page - ON Semiconductor NCP1086D2T-33 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NCP1086
http://onsemi.com
2
MAXIMUM RATINGS*
Parameter
Value
Unit
Supply Voltage, VCC
7.0
V
Operating Temperature Range
−40 to +70
°C
Junction Temperature
150
°C
Storage Temperature Range
−60 to +150
°C
Lead Temperature Soldering:
Wave Solder (through hole styles only) Note 1
Reflow (SMD styles only) Note 2
260 Peak
230 Peak
°C
ESD Damage Threshold
2.0
kV
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 10 second maximum.
2. 60 second maximum above 183
°C.
ELECTRICAL CHARACTERISTICS (CIN = 10 mF, COUT = 22 mF Tantalum, VOUT + VDROPOUT < VIN < 7.0 V, 0°C ≤ TA ≤ 70°C,
TJ ≤ +150°C, unless otherwise specified, Ifull load = 1.5 A.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
ADJUSTABLE OUTPUT VOLTAGE
Reference Voltage (Notes 3 and 4)
VIN − VOUT = 1.5 V; VAdj = 0 V,
10 mA
≤ IOUT ≤ 1.5 A
1.241
(−1%)
1.254
1.266
(+1%)
V
Line Regulation
1.5 V
≤ VIN − VOUT ≤ 5.75 V; IOUT = 10 mA
0.02
0.2
%
Load Regulation (Notes 3 and 4)
VIN − VOUT = 1.5 V; 10 mA ≤ IOUT ≤ 1.5 A
0.04
0.4
%
Dropout Voltage (Note 5)
IOUT = 1.5 A
1.05
1.4
V
Current Limit
VIN − VOUT = 3.0 V; TJ ≥ 25°C
1.6
3.1
A
Minimum Load Current (Note 6)
VIN = 7.0 V; VAdj = 0
0.6
2.0
mA
Adjust Pin Current
VIN − VOUT = 3.0 V; IOUT = 10 mA
50
100
mA
Thermal Regulation (Note 7)
30 ms pulse; TA = 25°C
0.002
0.02
%/W
Ripple Rejection (Note 7)
f = 120 Hz; IOUT = 1.5 A; VIN − VOUT = 3.0 V;
VRIPPLE = 1.0 VP−P
80
dB
Thermal Shutdown (Note 8)
150
180
210
°C
Thermal Shutdown Hysteresis (Note 8)
25
°C
FIXED OUTPUT VOLTAGE
Output Voltage (Notes 3 and 4)
VIN − VOUT = 1.5 V, 0 ≤ IOUT ≤ 1.5 A
3.25
(−1.5%)
3.3
3.35
(+1.5%)
V
Line Regulation
2.0 V
≤ VIN − VOUT ≤ 3.7 V; IOUT = 10 mA
0.02
0.2
%
Load Regulation (Notes 3 and 4)
VIN − VOUT = 2.0 V; 10 mA ≤ IOUT ≤ 1.5 A
0.04
0.4
%
Dropout Voltage (Note 5)
IOUT = 1.5 A
1.05
1.4
V
Current Limit
VIN − VOUT = 3.0 V
1.6
3.1
A
Quiescent Current
IOUT = 10 mA
5.0
10
mA
Thermal Regulation (Note 7)
30 ms pulse; TA = 25°C
0.002
0.02
%/W
3. Load regulation and output voltage are measured at a constant junction temperature by low duty cycle pulse testing. Changes in output
voltage due to thermal gradients or temperature changes must be taken into account separately.
4. Specifications apply for an external Kelvin sense connection at a point on the output pin 1/4” from the bottom of the package.
5. Dropout voltage is a measurement of the minimum input/output differential at full load.
6. The minimum load current is the minimum current required to maintain regulation. Normally the current in the resistor divider used to set the
output voltage is selected to meet the minimum requirement.
7. Guaranteed by design, not 100% tested in production.
8. Thermal shutdown is 100% functionally tested in production.


Similar Part No. - NCP1086D2T-33

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1086D2T-33R4 ONSEMI-NCP1086D2T-33R4 Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
NCP1086D2T-33R4G ONSEMI-NCP1086D2T-33R4G Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
More results

Similar Description - NCP1086D2T-33

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
CS52015-3 ONSEMI-CS52015-3 Datasheet
217Kb / 8P
   1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS5203A-1 ONSEMI-CS5203A-1 Datasheet
86Kb / 10P
   3.0 A Adjustable, and Fixed 1.5 V, 3.3 V and 5.0 V Linear Regulators
June, 2004 ??Rev. 7
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5204-1 ONSEMI-CS5204-1_06 Datasheet
239Kb / 9P
   4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006 ??Rev. 9
CS5205-1 ONSEMI-CS5205-1 Datasheet
245Kb / 9P
   5.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006??Rev. 8
CS5206-3 ONSEMI-CS5206-3 Datasheet
77Kb / 10P
   6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators
January, 2004 ??Rev. 7
CS5204-1 ONSEMI-CS5204-1 Datasheet
73Kb / 10P
   4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
January, 2004 ??Rev. 8
CS5204-2 ONSEMI-CS5204-2_06 Datasheet
196Kb / 7P
   4.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 10
CS5203-3 ONSEMI-CS5203-3 Datasheet
172Kb / 6P
   3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com