Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NR8300FP-CC Datasheet(PDF) 1 Page - California Eastern Labs

Part No. NR8300FP-CC
Description  NECs 30 Um InGaAs APD IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATION AND OTDR APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo 

NR8300FP-CC Datasheet(HTML) 1 Page - California Eastern Labs

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
N
EC's φ
φφ
φ
φ30 µ
µ
µ
µ
µm
InGaAs APD IN COAXIAL PACKAGE
FOR FIBER OPTIC COMMUNICATION
AND OTDR APPLICATIONS
NR8300FP-CC
FEATURES
• SMALL DARK CURRENT:
ID = 5 nA
• SMALL TERMINAL CAPACITANCE:
CT = 0.35 pF at 0.9 VBR
• HIGH QUANTUM EFFICIENCY:
η = 90% at λ = 1310 nm, M = 1
η = 77% at λ = 1550 nm, M = 1
• HIGH SPEED RESPONSE:
fc = 2.5 GHz at M = 10
• DETECTING AREA SIZE:
φ30 µm
• COAXIAL MODULE WITH SINGLE MODE FIBER
(SM-9/125)
NEC'S NR8300FP-CC is an InGaAs avalanche photo diode
module with single mode fiber. It is designed for optical test
instruments, especially OTDR systems.
DESCRIPTION
California Eastern Laboratories
PART NUMBER
NR8300FP-CC
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
VBR
Reverse Breakdown Voltage, ID = 100 µAV
50
70
100
δ
Temperature Coefficient of Reverse Breakdown
Voltage1
%/°C
0.2
ID
Dark Current, VR = VBR x 0.9
nA
5
25
IDM
Multiplied Dark Current, M = 2 to 10
nA
1
5
Ct
Terminal Capacitance, VR = VBR x 0.9, f = 1 MHz
pF
0.35
0.60
fC
Cut-off Frequency, M = 10
GHz
2.5
η
Quantum Efficiency, λ = 1310 nm, M = 1
%
76
90
λ = 1550 nm, M = 1
65
77
S
Responsivity, λ = 1310 nm, M = 1
A/W
0.80
0.94
λ = 1550 nm, M = 1
0.81
0.96
M
Multiplication Factor, λ = 1310 nm, IPO = 1.0 µA,
VR = V (at ID = 1 µA)
M
30
40
X
Excess Noise Factor2, λ = 1310 nm, 1 550 nm,
0.7
FIPO = 1.0 µA, M = 10, f = 35 MHz, B = 1 MHz
5
ORL
Optical Return Loss, SMF
dB
30
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25°C, unless otherwise specified)
VBR < 25°C + ∆T°C > - VBR < 25°C>
Note: 1. δ =
∆T°C > - VBR < 25°C>
2. F = MX


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn