Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NR8300FP-CC Datasheet(PDF) 3 Page - California Eastern Labs

Part No. NR8300FP-CC
Description  NECs 30 Um InGaAs APD IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATION AND OTDR APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo 

NR8300FP-CC Datasheet(HTML) 3 Page - California Eastern Labs

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NR8300FP-CC
TERMINAL CAPACITANCE
vs. REVERSE VOLTAGE
Multiplication Factor, M
Reverse Voltage, VR (V)
TYPICAL PERFORMANCE CURVES (TC = 25°C)
CUT-OFF FREQUENCY
vs. MULTIPLICATION FACTOR
12
5
10
2050
100
2
1
0.5
0.2
0.1
110
100
λ = 1310 nm
G x B = 50 GHz
100
10
1
0.1
MULTIPLICATION FACTOR
vs. REVERSE VOLTAGE
Case Temperature, TC (°C)
Reverse Voltage, VR (V)
TEMPERATURE DEPENDENCE OF
DARK CURRENT vs. MULTIPLIED
DARK CURRENT
020
40
6080
100
TC = 85˚C
TC = 20˚C
10 3
10 2
10 1
10 0
TC = 65˚C
TC = 25˚C
-60
-40
-20
0
20
40
60
80
100
λ = 1310 nm
ID at VR = 0.9 V(BR)R
IDM
10 -6
10 -7
10 -8
10 -9
10 -10
10 -11
FREQUENCY RESPONSE
Multiplication Factor, M
Frequency, f (GHz)
EXCESS NOISE FACTOR
vs. MULTIPLICATION FACTOR
0
1.0
3.0
2.0
5.0
4.0
λ = 1310 nm
RL = 50
M = 10
9
6
3
0
-3
-6
-9
12
10
550
100
20
0.5
0.4
100
50
20
10
5
2
1
1310 nm (
), 1550 nm (
)
f = 35 MHz, B = 1 MHz
Remark: The graphs indicate nominal characteristics.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn