Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1086D2T-ADJR4G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1086D2T-ADJR4G
Description  1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1086D2T-ADJR4G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1086D2T-ADJR4G Datasheet HTML 1Page - ON Semiconductor NCP1086D2T-ADJR4G Datasheet HTML 2Page - ON Semiconductor NCP1086D2T-ADJR4G Datasheet HTML 3Page - ON Semiconductor NCP1086D2T-ADJR4G Datasheet HTML 4Page - ON Semiconductor NCP1086D2T-ADJR4G Datasheet HTML 5Page - ON Semiconductor NCP1086D2T-ADJR4G Datasheet HTML 6Page - ON Semiconductor NCP1086D2T-ADJR4G Datasheet HTML 7Page - ON Semiconductor NCP1086D2T-ADJR4G Datasheet HTML 8Page - ON Semiconductor NCP1086D2T-ADJR4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NCP1086
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued) (CIN = 10 mF, COUT = 22 mF Tantalum, VOUT + VDROPOUT < VIN < 7.0 V,
0
°C ≤ TA ≤ 70°C, TJ ≤ +150°C, unless otherwise specified, Ifull load = 1.5 A.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
FIXED OUTPUT VOLTAGE (continued)
Ripple Rejection (Note 9)
f = 120 Hz; IOUT = 1.5 A; VIN − VOUT = 3.0 V;
VRIPPLE = 1.0 VP−P
80
dB
Thermal Shutdown (Note 10)
150
180
210
°C
Thermal Shutdown Hysteresis
(Note 10)
25
°C
9. Guaranteed by design, not 100% tested in production.
10. Thermal shutdown is 100% functionally tested in production.
PACKAGE PIN DESCRIPTION, ADJUSTABLE OUTPUT
Package Pin Number
D2PAK−3
TO−220−3
SOT−223
Pin Symbol
Function
1
1
1
Adj
Adjust pin (low side of the internal reference).
2
2
2
VOUT
Regulated output voltage (case).
3
3
3
VIN
Input voltage.
PACKAGE PIN DESCRIPTION, 3.3 V FIXED OUTPUT
Package Pin Number
D2PAK−3
TO−220−3
SOT−223
Pin Symbol
Function
1
1
1
GND
Ground connection.
2
2
2
VOUT
Regulated output voltage (case).
3
3
3
VIN
Input voltage.
+
Thermal
Shutdown
Bandgap
Output
Current
Limit
Error
Amplifier
VOUT
Adj
VIN
+
Thermal
Shutdown
Bandgap
Output
Current
Limit
Error
Amplifier
VOUT
GND
VIN
Figure 3. Block Diagram, Adjustable Output
Figure 4. Block Diagram, 3.3 V Fixed Output


Similar Part No. - NCP1086D2T-ADJR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1086D2T-ADJR4 ONSEMI-NCP1086D2T-ADJR4 Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
More results

Similar Description - NCP1086D2T-ADJR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
CS52015-3 ONSEMI-CS52015-3 Datasheet
217Kb / 8P
   1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS5203A-1 ONSEMI-CS5203A-1 Datasheet
86Kb / 10P
   3.0 A Adjustable, and Fixed 1.5 V, 3.3 V and 5.0 V Linear Regulators
June, 2004 ??Rev. 7
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5204-1 ONSEMI-CS5204-1_06 Datasheet
239Kb / 9P
   4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006 ??Rev. 9
CS5205-1 ONSEMI-CS5205-1 Datasheet
245Kb / 9P
   5.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006??Rev. 8
CS5206-3 ONSEMI-CS5206-3 Datasheet
77Kb / 10P
   6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators
January, 2004 ??Rev. 7
CS5204-1 ONSEMI-CS5204-1 Datasheet
73Kb / 10P
   4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
January, 2004 ??Rev. 8
CS5204-2 ONSEMI-CS5204-2_06 Datasheet
196Kb / 7P
   4.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 10
CS5203-3 ONSEMI-CS5203-3 Datasheet
172Kb / 6P
   3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com