Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGD8201N Datasheet(PDF) 6 Page - ON Semiconductor

Part # NGD8201N
Description  Ignition IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGD8201N Datasheet(HTML) 6 Page - ON Semiconductor

  NGD8201N Datasheet HTML 1Page - ON Semiconductor NGD8201N Datasheet HTML 2Page - ON Semiconductor NGD8201N Datasheet HTML 3Page - ON Semiconductor NGD8201N Datasheet HTML 4Page - ON Semiconductor NGD8201N Datasheet HTML 5Page - ON Semiconductor NGD8201N Datasheet HTML 6Page - ON Semiconductor NGD8201N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NGD8201N
http://onsemi.com
6
0.000001
0.001
0.0001
0.1
100
1
0.01
0.01
t,TIME (S)
110
100
1000
0.1
Figure 13. Minimum Pad Transient Thermal Resistance
(Non−normalized Junction−to−Ambient)
10
0.00001
0.2
Single Pulse
0.1
0.05
0.02
0.01
Duty Cycle = 0.5
0.000001
0.001
0.0001
0.1
1
0.01
0.01
t,TIME (S)
110
0.1
Figure 14. Best Case Transient Thermal Resistance
(Non−normalized Junction−to−Case Mounted on Cold Plate)
10
0.00001
0.2
Single Pulse
0.1
0.05
0.02
0.01
Duty Cycle = 0.5
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TA = P(pk) RqJA(t)
For D=1: RqJC X R(t) for t ≤ 0.1 s
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TA = P(pk) RqJC(t)


Similar Part No. - NGD8201N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGD8201N ONSEMI-NGD8201N Datasheet
147Kb / 7P
   Ignition IGBT
August, 2006 ??Rev. 7
NGD8201NT4 ONSEMI-NGD8201NT4 Datasheet
147Kb / 7P
   Ignition IGBT
August, 2006 ??Rev. 7
NGD8201NT4G ONSEMI-NGD8201NT4G Datasheet
147Kb / 7P
   Ignition IGBT
August, 2006 ??Rev. 7
NGD8201NT4G ONSEMI-NGD8201NT4G Datasheet
125Kb / 8P
   Ignition IGBT 20 A, 400 V, N.Channel DPAK
February, 2012 ??Rev. 10
NGD8201N ONSEMI-NGD8201N_12 Datasheet
125Kb / 8P
   Ignition IGBT 20 A, 400 V, N.Channel DPAK
February, 2012 ??Rev. 10
More results

Similar Description - NGD8201N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGB8202N ONSEMI-NGB8202N_06 Datasheet
144Kb / 7P
   Ignition IGBT
August, 2006 ??Rev. 5
NGB8206NTF4G ONSEMI-NGB8206NTF4G Datasheet
129Kb / 9P
   Ignition IGBT
February, 2012 ??Rev. 9
NGD8201N ONSEMI-NGD8201N Datasheet
147Kb / 7P
   Ignition IGBT
August, 2006 ??Rev. 7
CS8312 ONSEMI-CS8312 Datasheet
59Kb / 8P
   IGBT Ignition Predriver
March, 2001 ??Rev. 4
ISL9V3040X3ST-F085C ONSEMI-ISL9V3040X3ST-F085C Datasheet
3Mb / 9P
   EcoSPARK Ignition IGBT
August, 2019 ??Rev. 1
logo
Rohm
RGPR30BM40 ROHM-RGPR30BM40 Datasheet
719Kb / 11P
   400V 30A Ignition IGBT
RGPZ10BM40FH ROHM-RGPZ10BM40FH Datasheet
1Mb / 10P
   430V 20A Ignition IGBT
RGPZ10BM40 ROHM-RGPZ10BM40 Datasheet
1Mb / 9P
   430V 20A Ignition IGBT
RGPR20NL43HR ROHM-RGPR20NL43HR Datasheet
921Kb / 10P
   430V 20A Ignition IGBT
2019.07 - Rev.A
RGPR30NS40 ROHM-RGPR30NS40 Datasheet
720Kb / 11P
   400V 30A Ignition IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com