Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VCA824IDG4 Datasheet(PDF) 10 Page - Texas Instruments

Part No. VCA824IDG4
Description  Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

VCA824IDG4 Datasheet(HTML) 10 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
10
1
Frequency(Hz)
100
1k
10k
10M
100k
1M
200
100
10
Frequency(Hz)
100
1k
100k
1M
10k
10M
V =+1V
G
V
G =
-1V
V =0V
G
100
10
1
CapacitiveLoad(pF)
1
10
100
1k
0.1dBFlatnessTargeted
9
6
3
0
-3
-6
-9
CapacitiveLoad(pF)
1
10
100
1k
V =0.5V
O
PP
C =100pF
L
C =47pF
L
C =10pF
L
C =22pF
L
R
F
+
-
1kW
(1)
C
L
V
IN
V
OUT
R
S
NOTE:(1)1k
isoptional.
W
VCA824
VCA824
SBOS394D – NOVEMBER 2007 – REVISED JANUARY 2016
www.ti.com
Typical Characteristics: VS = ±5 V, AVMAX = 2 V/V (continued)
At TA = 25°C, RL = 100 Ω, RF = 453 Ω, RG = 453 Ω, VG = 1 V, VIN = single-ended input on +VIN with –VIN at ground, and 14-
Pin SOIC package, unless otherwise noted.
Figure 20. Frequency Response vs Capacitive Load
Figure 19. Recommended RSvs Capacitive Load
Figure 21. Output Voltage Density
Figure 22. Input Current Noise Density
10
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Product Folder Links: VCA824


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn