Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCA824IDG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # VCA824IDG4
Description  Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VCA824IDG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button VCA824IDG4 Datasheet HTML 2Page - Texas Instruments VCA824IDG4 Datasheet HTML 3Page - Texas Instruments VCA824IDG4 Datasheet HTML 4Page - Texas Instruments VCA824IDG4 Datasheet HTML 5Page - Texas Instruments VCA824IDG4 Datasheet HTML 6Page - Texas Instruments VCA824IDG4 Datasheet HTML 7Page - Texas Instruments VCA824IDG4 Datasheet HTML 8Page - Texas Instruments VCA824IDG4 Datasheet HTML 9Page - Texas Instruments VCA824IDG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
VCA824
SBOS394D – NOVEMBER 2007 – REVISED JANUARY 2016
www.ti.com
Electrical Characteristics: VS = ±5 V (continued)
At AVMAX = 10 V/V, VG = 1V, RF = 402 Ω, RG = 80 Ω, and RL = 100 Ω, unless otherwise noted.
PARAMETER
TEST CONDITIONS
TEST LEVEL
(1)
MIN
TYP
MAX
UNIT
TA = 0°C to 70°C
±90
AVMAX = 10 V/V, VCM = 0 V,
Average Input Bias Current Drift
B
nA/°C
VG = 1 V
TA = –40°C to 85°
±90
TA = 25°C
±0.5
±2.5
AVMAX = 10 V/V, VCM = 0 V,
Input Offset Current
TA = 0°C to 70°C
A
±3.2
μA
VG = 1 V
TA = –40°C to 85°C
±3.5
TA = 0°C to 70°C
±16
AVMAX = 10 V/V, VCM = 0 V,
Average Input Offset Current Drift
B
nA/°C
VG = 1 V
TA = –40°C to 85°C
±16
TA = 25°C
±2.6
±2.55
Max Current Through Gain Resistance
TA = 0°C to 70°C
B
±2.55
mA
TA = –40°C to 85°C
±2.5
INPUT
TA = 25°C
1.6
1.6
Most Positive Common-Mode Input
RL = 100 Ω
TA = 0°C to 70°C
A
1.6
V
Voltage
TA = –40°C to 85°C
1.6
TA = 25°C
–2.1
–2.1
Most Negative Common-Mode Input
RL = 100 Ω
TA = 0°C to 70°C
A
–2.1
V
Voltage
TA = –40°C to 85°C
–2.1
TA = 25°C
80
65
Common-Mode Rejection Ratio
VCM = ±0.5 V
TA = 0°C to 70°C
A
60
dB
TA = –40°C to 85°C
60
Differential
C
1 || 1
M
Ω || pF
Input Impedance
Common-Mode
C
1 || 2
M
Ω || pF
OUTPUT
TA = 25°C
±3.6
±3.9
RL = 1 kΩ
TA = 0°C to 70°C
A
±3.4
V
TA = –40°C to 85°C
±3.3
Output Voltage Swing
TA = 25°C
±3.5
±3.6
RL = 100 Ω
TA = 0°C to 70°C
A
±3.3
V
TA = –40°C to 85°C
±3.2
TA = 25°C
±60
±90
Output Current
VO = 0V, RL = 10 Ω
TA = 0°C to 70°C
A
50
mA
TA = –40°C to 85°C
45
Output Impedance
AVMAX = 10 V/V, f > 100 kHz
C
0.01
POWER SUPPLY
Specified Operating Voltage
C
±5
V
TA = 25°C
±4
Minimum Operating Voltage
TA = 0°C to 70°C
B
±4
V
TA = –40°C to 85°C
±4
TA = 25°C
±6
Maximum Operating Voltage
TA = 0°C to 70°C
A
±6
V
TA = –40°C to 85°C
±6
TA = 25°C
36.5
37.5
Maximum Quiescent Current
VG = 0 V
TA = 0°C to 70°C
A
38
mA
TA = –40°C to 85°C
38.5
TA = 25°C
36.5
35
Minimum Quiescent Current
VG = 0 V
TA = 0°C to 70°C
A
34.5
mA
TA = –40°C to 85°C
34
TA = 25°C
–61
-68
Power-Supply Rejection Ratio
VG = 1 V
TA = 0°C to 70°C
A
–59
dB
(-PSRR)
TA = –40°C to 85°C
–58
6
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Product Folder Links: VCA824


Similar Part No. - VCA824IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA824IDG4 TI1-VCA824IDG4 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
More results

Similar Description - VCA824IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA824 TI1-VCA824_16 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824 TI-VCA824_08 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA822 TI-VCA822 Datasheet
899Kb / 35P
[Old version datasheet]   Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
VCA810 TI1-VCA810_16 Datasheet
1Mb / 40P
[Old version datasheet]   VCA810 High Gain Adjust Range, Wideband and Variable Gain Amplifier
logo
National Semiconductor ...
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com