Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VCA824IDG4 Datasheet(PDF) 2 Page - Texas Instruments

Part No. VCA824IDG4
Description  Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

VCA824IDG4 Datasheet(HTML) 2 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
VCA824
SBOS394D – NOVEMBER 2007 – REVISED JANUARY 2016
www.ti.com
Table of Contents
8.2
Functional Block Diagram ....................................... 19
1
Features .................................................................. 1
8.3
Feature Description................................................. 19
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 19
3
Description ............................................................. 1
9
Application and Implementation ........................ 22
4
Revision History..................................................... 2
9.1
Application Information............................................ 22
5
Device Comparison Table..................................... 3
9.2
Typical Application .................................................. 28
6
Pin Configuration and Functions ......................... 3
10
Power Supply Recommendations ..................... 30
7
Specifications......................................................... 4
11
Layout................................................................... 30
7.1
Absolute Maximum Ratings ...................................... 4
11.1
Layout Guidelines ................................................ 30
7.2
ESD Ratings.............................................................. 4
11.2
Layout Example .................................................... 31
7.3
Recommended Operating Conditions ....................... 4
11.3
Thermal Considerations ....................................... 31
7.4
Thermal Information .................................................. 4
12
Device and Documentation Support ................. 32
7.5
Electrical Characteristics: VS = ±5 V......................... 5
12.1
Device Support...................................................... 32
7.6
Typical Characteristics: VS = ±5 V, AVMAX = 2 V/V... 7
12.2
Community Resources.......................................... 32
7.7
Typical Characteristics: VS = ±5 V, AVMAX = 10
12.3
Trademarks ........................................................... 32
V/V ........................................................................... 11
12.4
Electrostatic Discharge Caution ............................ 32
7.8
Typical Characteristics: VS = ±5 V, AVMAX = 40
V/V ........................................................................... 15
12.5
Glossary ................................................................ 32
8
Detailed Description ............................................ 19
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................. 19
Information ........................................................... 32
4 Revision History
Changes from Revision C (December 2008) to Revision D
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section ............................... 1
Deleted Thermal Characteristics rows from Electrical Characteristics .................................................................................. 5
Changes from Revision B (August 2008) to Revision C
Page
Revised second paragraph in the Wideband Variable Gain Amplifier Operation section describing pin 9.......................... 28
Changes from Revision A (December 2007) to Revision B
Page
Changed storage temperature range rating in Absolute Maximum Ratings table from – 40 ° C to 125 ° C to – 65 ° C
to 125 ° C .............................................................................................................................................................................. 4
Changes from Original (November 2007) to Revision A
Page
Added typical value for output impedance ............................................................................................................................. 6
Changed wording of explanation for X2Y capacitor usage at end of paragraph.................................................................. 28
2
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Product Folder Links: VCA824


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn