Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VCA824IDG4 Datasheet(PDF) 18 Page - Texas Instruments

Part No. VCA824IDG4
Description  Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

VCA824IDG4 Datasheet(HTML) 18 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
2.5
2.0
1.5
1.0
0.5
0
Frequency(MHz)
0
20
40
60
80
100
V =+1V
G
V =1V
O
PP
2.15
2.10
2.05
2.00
1.95
1.90
1.85
1.80
GainControlVoltage(V)
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
10MHz
20MHz
1MHz
VCA824
SBOS394D – NOVEMBER 2007 – REVISED JANUARY 2016
www.ti.com
Typical Characteristics: VS = ±5 V, AVMAX = 40 V/V (continued)
At TA = 25°C, RL = 100 Ω, RF = 402 Ω, RG = 18 Ω, VG = 1 V, VIN = single-ended input on +VIN with –VIN at ground, and SO-14
package, unless otherwise noted.
Figure 62. Group Delay vs Gain Control Voltage
Figure 63. Group Delay vs Frequency
18
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Product Folder Links: VCA824


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn