Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5166YDRCR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM5166YDRCR
Description  3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5166YDRCR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5166YDRCR Datasheet HTML 3Page - Texas Instruments LM5166YDRCR Datasheet HTML 4Page - Texas Instruments LM5166YDRCR Datasheet HTML 5Page - Texas Instruments LM5166YDRCR Datasheet HTML 6Page - Texas Instruments LM5166YDRCR Datasheet HTML 7Page - Texas Instruments LM5166YDRCR Datasheet HTML 8Page - Texas Instruments LM5166YDRCR Datasheet HTML 9Page - Texas Instruments LM5166YDRCR Datasheet HTML 10Page - Texas Instruments LM5166YDRCR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
D001
Rising
Falling
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
1.1
1.12
1.14
1.16
1.18
1.2
1.22
1.24
D002
Rising
Falling
Load (mA)
0.01
0.1
1
10
100
300
300
30
40
50
60
70
80
90
100
D001
VIN = 8V
VIN = 12V
VIN = 24V
VIN = 36V
Load (mA)
0.01
0.1
1
10
100
500
30
40
50
60
70
80
90
100
D001
VIN = 8V
VIN = 12V
VIN = 24V
VIN = 36V
Load (mA)
0.01
0.1
1
10
100
500
30
40
50
60
70
80
90
100
D001
VIN = 8V
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 65V
Load (mA)
0.01
0.1
1
10
100
500
30
40
50
60
70
80
90
100
D001
VIN = 8V
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 65V
7
LM5166
www.ti.com
SNVSA67A – DECEMBER 2016 – REVISED DECEMBER 2016
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.7 Typical Characteristics
Unless otherwise specified, VIN = 12 V, VOUT = 5 V. Please refer to Typical Applications for circuit designs.
See schematic,
Figure 50
LF = 150 µH
COUT = 47 µF
FSW(nom) = 100 kHz
RRT = 309 kΩ
Figure 1. Converter Efficiency: 5 V, 500 mA, COT
See schematic,
Figure 61
LF = 47 µH
COUT = 47 µF
FSW(nom) = 200 kHz
RRT = 100 kΩ
Figure 2. Converter Efficiency: 3.3 V, 500 mA, COT
See schematic,
Figure 68
LF = 4.7 µH
COUT = 47 µF
FSW(nom) = 600 kHz
RRT = 0 Ω
Figure 3. Converter Efficiency: 3.3 V, 300 mA, PFM
See schematic,
Figure 75
LF = 22 µH
COUT = 200 µF
FSW(nom) = 100 kHz
RRT = 0 Ω
Figure 4. Converter Efficiency: 5 V, 500 mA, PFM
Figure 5. Internal VIN UVLO Voltage vs Temperature
Figure 6. Enable Threshold Voltage vs Temperature


Similar Part No. - LM5166YDRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5166Y TI1-LM5166Y Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
More results

Similar Description - LM5166YDRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5166 TI1-LM5166 Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
LM5165-Q1 TI1-LM5165-Q1_17 Datasheet
1Mb / 47P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
LM5165 TI1-LM5165 Datasheet
1Mb / 44P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5165-Q1 TI1-LM5165-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5165-Q1 TI-LM5165-Q1_V01 Datasheet
2Mb / 52P
[Old version datasheet]   LM5165-Q1 Automotive 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ
REVISED DECEMBER 2022
LMR36503 TI-LMR36503_V01 Datasheet
1Mb / 45P
[Old version datasheet]   LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
LMR36503 TI-LMR36503_V02 Datasheet
2Mb / 54P
[Old version datasheet]   LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
REVISED NOVEMBER 2022
TPS560200 TI1-TPS560200_16 Datasheet
992Kb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
LMR36506 TI-LMR36506_V01 Datasheet
1Mb / 45P
[Old version datasheet]   LMR36506 3-V to 65-V, 0.6-A Ultra-Small Synchronous Buck Converter with 4 關A IQ
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com