Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP511SN15T1G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP511SN15T1G
Description  150 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP511SN15T1G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP511SN15T1G Datasheet HTML 4Page - ON Semiconductor NCP511SN15T1G Datasheet HTML 5Page - ON Semiconductor NCP511SN15T1G Datasheet HTML 6Page - ON Semiconductor NCP511SN15T1G Datasheet HTML 7Page - ON Semiconductor NCP511SN15T1G Datasheet HTML 8Page - ON Semiconductor NCP511SN15T1G Datasheet HTML 9Page - ON Semiconductor NCP511SN15T1G Datasheet HTML 10Page - ON Semiconductor NCP511SN15T1G Datasheet HTML 11Page - ON Semiconductor NCP511SN15T1G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
NCP511
http://onsemi.com
9
0
3
100
2
120
40
160
Time (ms)
2
1
20
4
1
0
140
80
60
0
TA = 25°C
Vin = 3.5 V
Vout = 3.0 V
R = 1.0 M
W
C = 1.0
mF
R = 1.0 M
W
C = 0.1
mF
No Delay
3
Output
R
1
2
3
5
4
Input
1.0
mF
1.0
mF
Output
1
2
3
5
4
Input
1.0
mF
1.0
mF
Q2
Q1
R3
R1
R2
Output
1
2
3
5
4
Input
1.0
mF
1.0
mF
Output
1
2
3
5
4
Enable
1.0
mF
1.0
mF
C
Output
1
2
3
5
4
Input
1.0
mF
1.0
mF
Q1
R
5.6 V
0
100
120
40
160
Time (ms)
20
140
80
60
R = 1.0 M
W
C = 1.0
mF
R = 1.0 mW
C = 0.1
mF
No Delay
Figure 18. Current Boost Regulator
Figure 19. Current Boost Regulator
with Short Circuit Limit
Figure 20. Delayed Turn−on
Figure 21. Delayed Turn−on
Figure 22. Input Voltages Greater than 6.0 V
The NCP511 series can be current boosted with a PNP transis-
tor. Resistor R in conjunction with VBE of the PNP determines
when the pass transistor begins conducting; this circuit is not
short circuit proof. Input/Output differential voltage minimum is
increased by VBE of the pass resistor.
Short circuit current limit is essentially set by the VBE of Q2 and
R1. ISC = ((VBEQ2 − ib * R2) / R1) + IO(max) Regulator
If a delayed turn−on is needed during power up of several volt-
ages then the above schematic can be used. Resistor R, and
capacitor C, will delay the turn−on of the bottom regulator. A
few values were chosen and the resulting delay can be seen in
Figure 21.
The graph shows the delay between the enable signal and
output turn−on for various resistor and capacitor values.
A regulated output can be achieved with input voltages that
exceed the 6.0 V maximum rating of the NCP511 series with
the addition of a simple pre−regulator circuit. Care must be
taken to prevent Q1 from overheating when the regulated
output (Vout) is shorted to GND.
Q1
R
APPLICATION CIRCUITS


Similar Part No. - NCP511SN15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP511SN15T1G ONSEMI-NCP511SN15T1G Datasheet
94Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 10
NCP511SN15T1G ONSEMI-NCP511SN15T1G Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
More results

Similar Description - NCP511SN15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCP551 ONSEMI-NCP551_14 Datasheet
107Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Low-Dropout Voltage
June, 2014 ??Rev. 18
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com