Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP803 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NCP803
Description  Very Low Supply Current 3-Pin Microprocessor Reset Monitor
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP803 Datasheet(HTML) 5 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NCP803
http://onsemi.com
5
TYPICAL CHARACTERISTICS
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0.5
1.5
2.5
3.5
4.5
5.5
-40
-20
0
20
40
60
80
0.993
SUPPLY VOLTAGE (V)
TEMPERATURE (
°C)
105
°C
Figure 5. Supply Current vs. Supply Voltage
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
SUPPLY VOLTAGE (V)
1.6
1.8
85
°C
25
°C
-40
°C
0
°C
0.5
1.5
2.5
3.5
4.5
5.5
105
°C
85
°C
25
°C
-40
°C
0
°C
VTH = 3.08 V
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0.5
1.5
2.5
3.5
4.5
5.5
SUPPLY VOLTAGE (V)
105
°C
1.6
85
°C
25
°C
-40
°C
0
°C
VTH = 4.90 V
0.994
0.995
0.996
0.997
0.998
0.999
1.000
1.001
100
120
VTH = 3.08 V
VTH = 4.90 V
-40
-20
0
20
40
60
80
200
TEMPERATURE (
°C)
210
220
230
240
250
260
270
280
100
120
VTH = 1.60 V
VTH = 3.08 V
VTH = 4.90 V
VTH = 1.60 V
VTH = 1.60 V
-40
-20
0
20
40
60
80
0
TEMPERATURE (
°C)
50
100
150
200
250
300
350
100
VTH = 1.60 V
VTH = 3.08 V
VTH = 4.90 V
Figure 6. Supply Current vs. Supply Voltage
Figure 7. Supply Current vs. Supply Voltage
Figure 8. Normalized Reset Threshold Voltage
vs. Temperature
Figure 9. Power-up Reset Timeout vs. Temperature
Figure 10. Power-down Reset Timeout vs.
Temperature (Overdrive = 20 mV)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn