Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP803 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NCP803
Description  Very Low Supply Current 3-Pin Microprocessor Reset Monitor
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP803 Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NCP803
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS TA = -40°C to +105°C unless otherwise noted. Typical values are at TA = +25°C. (Note 3)
Characteristic
Symbol
Min
Typ
Max
Unit
VCC Range
TA = 0°C to +70°C
TA = -40°C to +105°C
1.0
1.2
-
-
5.5
5.5
V
Supply Current
VCC = 3.3 V
TA = -40°C to +85°C
TA = 85°C to +105°C
VCC = 5.5 V
TA = -40°C to +85°C
TA = 85°C to +105°C
ICC
-
-
-
-
0.5
-
0.8
-
1.2
2.0
1.8
2.5
µA
Reset Threshold (Note 4)
NCP803SN463
TA = +25°C
TA = -40°C to +85°C
TA = +85°C to +105°C
NCP803SN438
TA = +25°C
TA = -40°C to +85°C
TA = +85°C to +105°C
NCP803SN308
TA = +25°C
TA = -40°C to +85°C
TA = +85°C to +105°C
NCP803SN293
TA = +25°C
TA = -40°C to +85°C
TA = +85°C to +105°C
NCP803SN263
TA = +25°C
TA = -40°C to +85°C
TA = +85°C to +105°C
NCP803SN232
TA = +25°C
TA = -40°C to +85°C
TA = +85°C to +105°C
NCP803SN160
TA = +25°C
TA = -40°C to +85°C
TA = +85°C to +105°C
VTH
4.56
4.51
4.39
4.31
4.27
4.16
3.04
3.00
2.92
2.89
2.85
2.78
2.59
2.55
2.50
2.29
2.26
2.20
1.58
1.56
1.52
4.63
-
-
4.38
-
-
3.08
-
-
2.93
-
-
2.63
-
-
2.32
-
-
1.60
-
-
4.70
4.75
4.87
4.45
4.49
4.60
3.11
3.15
3.23
2.96
3.00
3.08
2.66
2.70
2.76
2.35
2.38
2.44
1.62
1.64
1.68
V
Reset Temperature Coefficient
-
30
-
ppm/
°C
VCC to Reset Delay VCC = VTH to (VTH - 100 mV)
-
10
-
µsec
Reset Active Timeout Period
140
240
460
msec
RESET Output Voltage Low
VCC = VTH - 0.2 V
1.6 V
v VTH v 2.0 V, ISINK = 0.5 mA
2.1 V
v VTH v 4.0 V, ISINK = 1.2 mA
4.1 V
v VTH v 4.9 V, ISINK = 3.2 mA
VOL
-
-
0.3
V
RESET Leakage Current
VCC u VTH, RESET De-asserted
ILEAK
-
-
1
µA
3. Production testing done at TA = 25°C, over temperature limits guaranteed by design.
4. Contact your ON Semiconductor sales representative for other threshold voltage options.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn