Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP803 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NCP803
Description  Very Low Supply Current 3-Pin Microprocessor Reset Monitor
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP803 Datasheet(HTML) 6 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NCP803
http://onsemi.com
6
TAPING FORM
PIN 1
USER DIRECTION OF FEED
Component Taping Orientation for 3L SOT-23 (JEDEC-236) Devices
Standard Reel Component Orientation
(Mark Right Side Up)
DEVICE
MARKING
SOT-23
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
8 mm
4 mm
3000
7 inches
Tape & Reel Specifications Table
MARKING AND THRESHOLD INFORMATION
ON Semicond ctor Part #
V
*
Marking (Note 5)
ON Semiconductor Part #
VTH*
Marking (Note 5)
NCP803SN160T1
1.60
SCQM
NCP803SN232T1
2.32
SQRM
NCP803SN263T1
2.63
SQCM
NCP803SN293T1
2.93
SQDM
NCP803SN308T1
3.08
SQEM
NCP803SN438T1
4.38
SQFM
NCP803SN463T1
4.63
SQGM
*Contact your ON Semiconductor sales representative for other threshold voltage options.
5. M = Monthly Date Code


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn