Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12D1620LGMPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12D1620LGMPR
Description  12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12D1620LGMPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC12D1620LGMPR Datasheet HTML 2Page - Texas Instruments ADC12D1620LGMPR Datasheet HTML 3Page - Texas Instruments ADC12D1620LGMPR Datasheet HTML 4Page - Texas Instruments ADC12D1620LGMPR Datasheet HTML 5Page - Texas Instruments ADC12D1620LGMPR Datasheet HTML 6Page - Texas Instruments ADC12D1620LGMPR Datasheet HTML 7Page - Texas Instruments ADC12D1620LGMPR Datasheet HTML 8Page - Texas Instruments ADC12D1620LGMPR Datasheet HTML 9Page - Texas Instruments ADC12D1620LGMPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
VA
GND
GND
VA
50k
VA
AGND
VA
AGND
50k
Control from VCMO
VCMO
100
6
ADC12D1620QML-SP
SNAS717 – APRIL 2017
www.ti.com
Product Folder Links: ADC12D1620QML-SP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions: Analog Front-End and Clock Pins (continued)
PIN
TYPE
DESCRIPTION
EQUIVALENT CIRCUIT
NAME
NO.
VinI+, VinI–
VinQ+, VinQ–
H1/J1
N1/M1
I
Differential signal I and Q inputs. In the non-dual
edge sampling (non-DES) mode, each I and Q input
is sampled and converted by its respective channel
with each positive transition of the CLK input. In
non-ECM (non-extended control mode) and DES
mode, both
channels
sample the I
input. In
Extended Control mode (ECM), the Q input may
optionally be selected for conversion in DES mode
by the DEQ Bit of the Configuration Register (Addr:
0h; Bit: 6).
Each I- and Q-channel input has an internal
common mode bias that is disabled when DC-
coupled mode is selected. Both inputs must be
either AC- or DC-coupled. The coupling mode is
selected by the VCMO pin.
In non-ECM, the full-scale range of these inputs is
determined by the FSR pin; both I and Q channels
have the same full-scale input range. In ECM, the
full-scale input range of the I- and Q-channel inputs
may be independently set with the I- and Q-channel
Full-Scale Range Adjust Registers (Addr: 3h and
Addr: Bh, respectively). The high and low full-scale
input range setting in non-ECM corresponds to the
mid and minimum full-scale input range in ECM.
The input offset may also be adjusted in ECM with
the I- and Q-channel Offset Adjust Registers (Addr:
2h and Addr: Ah, respectively).
CONTROL AND STATUS PINS
CAL
D6
I
Calibration cycle initiate. The user can command the
device to execute a self-calibration cycle by holding
this input high for a minimum of tCAL_H after having
held it low for a minimum of tCAL_L. This pin is active
in both ECM and non-ECM. In ECM, this pin is
logically OR'd with the CAL Bit of the Configuration
Register (Addr: 0h, Bit 15). Therefore, both the pin
and bit must be set low and then either can be set
high to execute an on-command calibration. TI
recommends holding the CAL pin high during
normal usage to reduce the chance that an SEU
causes a calibration cycle.
CalRun
B5
O
Calibration running indication. This output is logic-
high while the calibration sequence is executing;
otherwise, this output is logic-low.


Similar Part No. - ADC12D1620LGMPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1620LGMPR TI-ADC12D1620LGMPR Datasheet
3Mb / 83P
[Old version datasheet]   ADC12D1620QML-SP 12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
More results

Similar Description - ADC12D1620LGMPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1620QML-SP TI-ADC12D1620QML-SP_V01 Datasheet
3Mb / 83P
[Old version datasheet]   ADC12D1620QML-SP 12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
ADC12D1600QML TI-ADC12D1600QML Datasheet
809Kb / 67P
[Old version datasheet]   12-Bit, Single or Dual, 3200/1600/800 MSPS RF Sampling ADC
ADC12DJ3200 TI1-ADC12DJ3200 Datasheet
1Mb / 111P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
[Old version datasheet]   10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700 TI1-ADC12DJ2700 Datasheet
2Mb / 146P
[Old version datasheet]   5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_19 Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ5200RF TI-ADC12DJ5200RF_V01 Datasheet
7Mb / 207P
[Old version datasheet]   ADC12DJ5200RF 10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_V01 Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700 TI1-ADC12DJ2700_V01 Datasheet
2Mb / 146P
[Old version datasheet]   ADC12DJ2700 5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com