Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCLT1109 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. TCLT1109
Description  CTR flexibility available see order information
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT1109 Datasheet(HTML) 1 Page - Vishay Siliconix

  TCLT1109 Datasheet HTML 1Page - Vishay Siliconix TCLT1109 Datasheet HTML 2Page - Vishay Siliconix TCLT1109 Datasheet HTML 3Page - Vishay Siliconix TCLT1109 Datasheet HTML 4Page - Vishay Siliconix TCLT1109 Datasheet HTML 5Page - Vishay Siliconix TCLT1109 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TCLT110. Series
www.vishay.com
Vishay Semiconductors
Rev. 2.5, 16-May-13
1
Document Number: 83514
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, SOP-6L5,
Half Pitch, Long Mini-Flat Package
DESCRIPTION
The TCLT110. series consists of a phototransistor optically
coupled to a gallium arsenide infrared-emitting diode in a
5-lead SOP-6L package.
APPLICATIONS
• Switchmode power supplies
• Computer peripheral interface
• Microprocessor system interface
FEATURES
• SMD low profile 5 pin package
• Isolation test voltage 5000 VRMS
• CTR flexibility available see order information
• Special construction
• Extra low coupling capacitance
• Connected base
• DC input with transistor output
• Creepage distance > 8 mm
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
AGENCY APPROVALS
• UL1577, file no. E76222
• CSA E76222 22.2 bulletin 5A
• BSI IEC 60950 IEC 60065
• DIN EN 60747-5-5
•FIMKO
•CQC
Note
• See the safety standard approval list “Agency Table” for more
detailed information.
54
3
1
2
22649
ORDERING INFORMATION
T
C
L
T
1
10#
PART NUMBER
AGENCY
CERTIFIED/PACKAGE
CTR (%)
5 mA
10 mA
5 mA
UL, cUL, VDE, BSI, FIMKO
50 to 600
63 to 125
100 to 200 160 to 320
50 to 150
100 to 300
80 to 160
130 to 260 200 to 400
SOP-6L5
TCLT1100 TCLT1102 TCLT1103 TCLT1104 TCLT1105 TCLT1106 TCLT1107 TCLT1108 TCLT1109
10.2 mm
SOP-6L5


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn