Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12D1620QML-SP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12D1620QML-SP
Description  12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12D1620QML-SP Datasheet(HTML) 4 Page - Texas Instruments

  ADC12D1620QML-SP Datasheet HTML 1Page - Texas Instruments ADC12D1620QML-SP Datasheet HTML 2Page - Texas Instruments ADC12D1620QML-SP Datasheet HTML 3Page - Texas Instruments ADC12D1620QML-SP Datasheet HTML 4Page - Texas Instruments ADC12D1620QML-SP Datasheet HTML 5Page - Texas Instruments ADC12D1620QML-SP Datasheet HTML 6Page - Texas Instruments ADC12D1620QML-SP Datasheet HTML 7Page - Texas Instruments ADC12D1620QML-SP Datasheet HTML 8Page - Texas Instruments ADC12D1620QML-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
VA
A GND
-
+
100:
100:
VA
AGND
VA
AGND
100
VBIAS
50k
50k
VA
AGND
VA
AGND
100
VA
AGND
VA
AGND
100
VBIAS
50k
50k
4
ADC12D1620QML-SP
SNAS717 – APRIL 2017
www.ti.com
Product Folder Links: ADC12D1620QML-SP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions: Analog Front-End and Clock Pins
PIN
TYPE
DESCRIPTION
EQUIVALENT CIRCUIT
NAME
NO.
ANALOG FRONT-END AND CLOCK PINS
CLK+
CLK–
U2/V1
I
Differential converter sampling clock. In the non-
DES mode, the analog inputs are sampled on the
positive transitions of this clock signal. In the DES
mode, the selected input is sampled on both
transitions of this clock. This clock must be AC-
coupled.
DCLK_RST+
DCLK_RST–
V2/W1
I
Differential DCLK reset. A positive pulse on this
input is used to reset the DCLKI and DCLKQ
outputs of two or more ADC12D1620 devices in
order to synchronize them with other ADC12D1620
devices in the system. DCLKI and DCLKQ are
always in phase with each other, unless one
channel is powered down, and do not require a
pulse from DCLK_RST to become synchronized.
The pulse applied here must meet timing
relationships with respect to the CLK input. Although
supported, this feature has been superseded by
AutoSync.
RCLK+
RCLK–
Y4/W5
I
Reference clock input. When the AutoSync feature
is active, and the ADC12D1620 is in slave mode,
the internal divided clocks are synchronized with
respect to this input clock. The delay on this clock
may be adjusted when synchronizing multiple ADCs.
This feature is available in ECM with the DRC bits of
the AutoSync Control Register (Addr: Eh, Bits:
15:7).
RCOut1+,
RCOut1–
RCOut2+,
RCOut2–
Y5/U6
V6/V7
O
Reference clock output 1 and 2. These signals,
when enabled, provide a reference clock. The
RCOut rates for all of the available modes can be
found in Table 8; the rates displayed in the table are
independent of whether the ADC is in master or
slave mode. RCOut1 and RCOut2 are used to drive
the RCLK of ADC12D1620 to enable automatic
synchronization for multiple ADCs (AutoSync
feature). The impedance of each trace from RCOut1
and RCOut2 to the RCLK of ADC12D1620 should
be 100-Ω differential. Having two clock outputs
allows the auto-synchronization to propagate as a
binary tree. Use the DOC bit of the AutoSync
Control Register (Addr: Eh; Bit: 1) to enable or
disable this feature; default is disabled.


Similar Part No. - ADC12D1620QML-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1620QML-SP TI-ADC12D1620QML-SP Datasheet
3Mb / 83P
[Old version datasheet]   ADC12D1620QML-SP 12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
ADC12D1620QML-SP TI-ADC12D1620QML-SP_V01 Datasheet
3Mb / 83P
[Old version datasheet]   ADC12D1620QML-SP 12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
More results

Similar Description - ADC12D1620QML-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1620QML-SP TI-ADC12D1620QML-SP_V01 Datasheet
3Mb / 83P
[Old version datasheet]   ADC12D1620QML-SP 12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
ADC12D1600QML TI-ADC12D1600QML Datasheet
809Kb / 67P
[Old version datasheet]   12-Bit, Single or Dual, 3200/1600/800 MSPS RF Sampling ADC
ADC12DJ3200 TI1-ADC12DJ3200 Datasheet
1Mb / 111P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
[Old version datasheet]   10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700 TI1-ADC12DJ2700 Datasheet
2Mb / 146P
[Old version datasheet]   5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_19 Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ5200RF TI-ADC12DJ5200RF_V01 Datasheet
7Mb / 207P
[Old version datasheet]   ADC12DJ5200RF 10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_V01 Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700 TI1-ADC12DJ2700_V01 Datasheet
2Mb / 146P
[Old version datasheet]   ADC12DJ2700 5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com