Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-TSP009V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-TSP009V2
Description  IEEE 802.3at compliant PD interface
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TSP009V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-TSP009V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-TSP009V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-TSP009V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-TSP009V2 Datasheet HTML 4Page - STMicroelectronics STEVAL-TSP009V2 Datasheet HTML 5Page - STMicroelectronics STEVAL-TSP009V2 Datasheet HTML 6Page - STMicroelectronics STEVAL-TSP009V2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
April 2015
DocID027732 Rev 1
1/7
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-TSP009V2
PoE 3.3 V - 6 A PD converter based on the PM8803
IEEE802.3at-compliant, synchronous flyback controller
Data brief
Features
IEEE 802.3at compliant PD interface
Works with power supplied from Ethernet
LAN cables or from local auxiliary sources
Line input voltage range: 40 VDC to 60 VDC
Output voltage: 3.35 VDC ± 5%
Output current: 6 A
Peak-to-peak output ripple: < 25 mV
Efficiency DC-DC full-load: > 90%
Overall peak efficiency: > 87%
Transient response ΔVOUTPK-PK to 50% load
step: < 250 mV
ΔV in load line case: < 0.5%
RoHs compliant
Description
The STEVAL-TSP009V2 is a reference design
for a PoE+, high-efficiency, 3.3 V - 6 A flyback
converter based on the PM8803 PoE controller.
The PM8803 is a highly integrated device
embedding an IEEE802.3at-compliant powered
device (PD) interface together with a PWM
controller and support for auxiliary sources.
The STEVAL-TSP009V2 reference design is
based on an isolated flyback topology CCM
converter featuring synchronous rectification with
gate driver transformer.


Similar Part No. - STEVAL-TSP009V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TSP001V1 STMICROELECTRONICS-STEVAL-TSP001V1 Datasheet
94Kb / 4P
   Respects source limitations
August 2008 Rev 1
STEVAL-TSP004V2 STMICROELECTRONICS-STEVAL-TSP004V2 Datasheet
312Kb / 7P
   RoHs compliant
April 2015 Rev 1
STEVAL-TSP005V2 STMICROELECTRONICS-STEVAL-TSP005V2 Datasheet
298Kb / 7P
   IEEE 802.3af compliant PD interface
May 2014 Rev 1
STEVAL-TSP006V2 STMICROELECTRONICS-STEVAL-TSP006V2 Datasheet
320Kb / 7P
   IEEE 802.3af compliant PD interface
May 2014 Rev 1
More results

Similar Description - STEVAL-TSP009V2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
   Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
logo
Texas Instruments
TPS2378 TI1-TPS2378 Datasheet
494Kb / 25P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface
logo
STMicroelectronics
STEVAL-TSP005V2 STMICROELECTRONICS-STEVAL-TSP005V2 Datasheet
298Kb / 7P
   IEEE 802.3af compliant PD interface
May 2014 Rev 1
STEVAL-TSP006V2 STMICROELECTRONICS-STEVAL-TSP006V2 Datasheet
320Kb / 7P
   IEEE 802.3af compliant PD interface
May 2014 Rev 1
PM8803TR STMICROELECTRONICS-PM8803TR Datasheet
836Kb / 34P
   High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
PM8801 STMICROELECTRONICS-PM8801 Datasheet
1Mb / 37P
   High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
July 2013 Rev 2
logo
Maxim Integrated Produc...
MAX5974AEVKIT MAXIM-MAX5974AEVKIT Datasheet
1Mb / 11P
   IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 5/11
MAX5974EEVKIT MAXIM-MAX5974EEVKIT Datasheet
1Mb / 10P
   IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 8/11
MAX5992A MAXIM-MAX5992A Datasheet
956Kb / 18P
   IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 1; 6/19
MAX5986AEVKIT MAXIM-MAX5986AEVKIT Datasheet
1Mb / 8P
   IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 5/12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com