Electronic Components Datasheet Search |
|
RC2512FR-139K76P Datasheet(PDF) 2 Page - YAGEO Corporation |
|
RC2512FR-139K76P Datasheet(HTML) 2 Page - YAGEO Corporation |
2 / 8 page Chip Resistor Surface Mount www.yageo.com Aug. 22, 2014 V.0 Product specification 2 8 SERIES RC_P 0100 to 2512 SCOPE This specification describes RC series chip resistors with made by thick film process. APPLICATIONS All general purpose application FEATURES Total lead free without RoHS exemption Halogen Free Epoxy Reducing environmentally hazardous wastes High component and equipment reliability Saving of PCB space GLOBAL PART NUMBER RC XXXX X X X XX XXXX P (1) (2) (3) (4) (5) (6) (7) (1) SIZE 0100/0201/0402/0603/0805/1206/1210/1218/2010/2512 (2) TOLERANCE D = ± 0.5% F = ± 1.0% J = ± 5.0% ( for jumper ordering, use code of J) (3) PACKAGING TYPE R = Paper taping reel K = Embossed taping reel S = ESD safe reel (0100 only) (4) TEMPERATURE COEFFICIENT OF RESISTANCE -= Based on spec. (5) TAPING REEL 07= 7 inch dia. Reel 13=13 inch dia. Reel 7N = 7 inch dia. Reel, ESD safe reel (0100 only) (6) RESISTANCE VALUE There are 2~4 digits indicated the resistance value. Letter R/K/M is decimal point. Example: 97R6 = 97.6Ω 9K76 = 9760Ω 1M = 1,000,000Ω (7) DEFAULT CODE Letter P is lead free (without RoHS exemption) ORDERING INFORMATION - GLOBAL PART NUMBER Global part numbers are identified by the series, size, tolerance, packing type, temperature coefficient, taping reel and resistance value. ORDERING EXAMPLE The ordering code for a RC0402 0.0625W chip resistor value 100KΩ with ±5% tolerance, supplied in 7-inch tape reel of 10,000 units per reel is: RC0402JR-07100KP. |
Similar Part No. - RC2512FR-139K76P |
|
Similar Description - RC2512FR-139K76P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |