Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSBMC096VF Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSBMC096VF
Description  NSBMC096-16/-25/-33 Burst Memory Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSBMC096VF Datasheet(HTML) 4 Page - National Semiconductor (TI)

  NSBMC096VF Datasheet HTML 1Page - National Semiconductor (TI) NSBMC096VF Datasheet HTML 2Page - National Semiconductor (TI) NSBMC096VF Datasheet HTML 3Page - National Semiconductor (TI) NSBMC096VF Datasheet HTML 4Page - National Semiconductor (TI) NSBMC096VF Datasheet HTML 5Page - National Semiconductor (TI) NSBMC096VF Datasheet HTML 6Page - National Semiconductor (TI) NSBMC096VF Datasheet HTML 7Page - National Semiconductor (TI) NSBMC096VF Datasheet HTML 8Page - National Semiconductor (TI) NSBMC096VF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Pin Descriptions (Continued)
i960 CACF INTERFACE
The following pins are functionally equivalent to those on
the i960 CACF from which their names are taken Like
named pins on the i960 CACF and the NSBMC960 are to
be wired together All 3-State outputs are to be weakly
pulled up to VCC In typical situations a 10 kX resistor is
sufficient
Pin
Description
A2–31
Address Bus (Input)
This system bus is a word address which determines the location at which an access is
required
ADS
Address Strobe (Input Active Low)
Indicates that a new access cycle is being started
D
C
Data
Code (Input)
Signals whether an access is for data or instructions
BLAST
Burst Last (Input Active Low)
Indicates that the last cycle of a burst is in progress
DEN
Data Enable (Input Active Low)
This input is monitored by the Bus Watch Timer to detect a bus access not
returning READY
BTERM
Burst Terminate (Output 3-State Active Low)
This output is used to request termination of a burst in progress
Used to disable burst writes
READY
Data Ready (Output 3-State Active Low)
The READY output is used to signal that data on the processor bus is
valid for Read or that data has been accepted for Write
RESET
Reset (Input Active Low)
Assertion of this input sets the NSBMC960 to its initial state Following initialization the
NSBMC960 must be configured before any memory access is possible
BE0–3
Byte Enable (Input Active Low)
These inputs are used to determine which byte(s) within the addressed word are to
be accessed
W
R
WRITE
READ (Input)
This input indicates the direction which data is to be transferred tofrom on the data bus
SUP
Supervisor (Input Active Low)
Indicates that the processor is operating in supervisor mode Required for access to
configuration registers
PCLK
System Clock (Input)
Processor output clock required to operate and synchronize NSBMC960 internal functions
BERR
Bus Error (Output Active Low)
When enabled this signal is generated by the Bus Watch Circuit to prevent
processor lock-up on access to a region that is not responding
INT
Interrupt (Output 12 mA Active Low)
This signal is assented when the 24-bit counter reaches terminal count and
interrupt out is enabled May be programmed for pulse or handshake operation
ID0–2
Chip ID (Input)
These inputs select the address offset of the NSBMC960 configuration registers Each NSBMC960 in
a system must have a unique address for proper operation
4


Similar Part No. - NSBMC096VF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NSBMC096 TI1-NSBMC096 Datasheet
515Kb / 20P
[Old version datasheet]   NSBMC096 Burst Memory Controller
More results

Similar Description - NSBMC096VF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NSBMC096 TI1-NSBMC096 Datasheet
515Kb / 20P
[Old version datasheet]   NSBMC096 Burst Memory Controller
logo
National Semiconductor ...
NSBMC290-16 NSC-NSBMC290-16 Datasheet
318Kb / 20P
   Burst Mode Memory Controller
logo
Intel Corporation
80960CA-33 INTEL-80960CA-33 Datasheet
977Kb / 68P
   80960CA-33, -25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
logo
SPANSION
MBM29BS32LF18 SPANSION-MBM29BS32LF18 Datasheet
314Kb / 60P
   BURST MODE FLASH MEMORY CMOS 32M (2M X 16) BIT
MBM29BS12DH15 SPANSION-MBM29BS12DH15 Datasheet
1Mb / 84P
   BURST MODE FLASH MEMORY CMOS 128M (8M X 16) BIT
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6430 AVAGO-AMMC-6430 Datasheet
638Kb / 7P
   25 - 33 GHz Power Amplifier
logo
Broadcom Corporation.
AMMC-6430 BOARDCOM-AMMC-6430 Datasheet
379Kb / 7P
   25 - 33 GHz Power Amplifier
logo
Generalplus Technology ...
GPCE001A GENERALPLUS-GPCE001A Datasheet
643Kb / 25P
   16-bit Sound Controller with 256K x 16 Flash Memory
GPCE063A GENERALPLUS-GPCE063A Datasheet
668Kb / 29P
   16-Bit Sound Controller with 32K X 16 Flash Memory
logo
NXP Semiconductors
SAA4951 PHILIPS-SAA4951 Datasheet
95Kb / 25P
   Memory controller
April 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com