Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRP-480S-48 Datasheet(PDF) 1 Page - Total Power International

Part # DRP-480S-48
Description  480W Single Output DIN RAIL with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

DRP-480S-48 Datasheet(HTML) 1 Page - Total Power International

  DRP-480S-48 Datasheet HTML 1Page - Total Power International DRP-480S-48 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDTIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
1200ms,40ms/230VAC,
atfullload
115VAC
23ms/230VAC,
atfullload
115VAC
90~132VAC/180~264VACbyswitch254~370VDC
47~63Hz
89%
0.7/230VAConly
COLDSTART 27
A/230VAC
A/115VAC45
<3.5mA /240VAC
105~150%ratedoutputpower
Protectiontype: Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
100
5
(TSW:Detectonheatsinkofpowerswitch)
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
UL508,UL60950-1, TUVEN60950-1 Approved
CompliancetoEN55011(CISPR11),EN55022(CISPR22),EN61204-3ClassB
CompliancetoEN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,ENV50204,EN61204-3,EN61000-6-2(EN50082-2)Heavyindustrylevel,criteria A
-20~+70
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
Component:10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes;Mounting:CompliancetoIEC60068-2-6
187.9Khrsmin.MIL-HDBK-217F(25
)
227*125.2*100mm(W*H*D)
2.6Kg;6pcs/16.6Kg/1.75CUFT
POWERFACTOR (Typ.)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
EMICONDUCTION&RADIATION
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
DRP-480S-48
48V
10A
0~10A
480W
120mVp-p
48~55V
1.0%
0.5%
1.0%
DRP-480S-24
24V
20A
0~20A
480W
120mVp-p
24~28V
1.0%
0.5%
1.0%
8A/115VAC3.2A/230VAC
59~66V
30~36V
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
AC input range selectable by switch
Built-in passive PFC function compliance to EN61000-3-2
High efficiency 89% and low dissipation
Protections:Short circuit/Over load/Over voltage/Over temperature
Cooling by free air convection
Built-in constant current limiting circuit
Can be installed on DIN rail TS-35/7.5 or 15
UL 508(industrial control equipment)approved
EN61000-6-2(EN50082-2) industrial immunity level
100% full load burn-in test
3 years warranty
Features :
480WSingleOutputDINRAIL withPFCFunction
D R P - 4 8 0 S series
R
Authorized Distributor: Total Power International, Inc. Toll Free: 877-646-0900(US) PH# (978) 453-7272 www.total-power.com


Similar Part No. - DRP-480S-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DRP-480S-48 MEANWELL-DRP-480S-48 Datasheet
149Kb / 2P
   480W Single Output DIN RAIL with PFC Function
DRP-480S-48 MEANWELL-DRP-480S-48 Datasheet
159Kb / 2P
   480W Single Output DIN RAIL with PFC Function
DRP-480S-48 MEANWELL-DRP-480S-48 Datasheet
159Kb / 2P
   480W Single Output DIN RAIL with PFC Function
More results

Similar Description - DRP-480S-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DRP-480S MEANWELL-DRP-480S Datasheet
149Kb / 2P
   480W Single Output DIN RAIL with PFC Function
DRP-480S MEANWELL-DRP-480S_09 Datasheet
159Kb / 2P
   480W Single Output DIN RAIL with PFC Function
DRP-480S MEANWELL-DRP-480S_11 Datasheet
159Kb / 2P
   480W Single Output DIN RAIL with PFC Function
logo
Total Power Internation...
DRP-480 TOTAL-POWER-DRP-480 Datasheet
227Kb / 2P
   480W Single Output Industrial DIN RAIL with PFC Function
SDR-480 TOTAL-POWER-SDR-480 Datasheet
323Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC Function
logo
Mean Well Enterprises C...
SDR-480 MEANWELL-SDR-480_10 Datasheet
424Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC Function
SDR-480 MEANWELL-SDR-480_11 Datasheet
424Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC Function
DRP-480 MEANWELL-DRP-480_09 Datasheet
160Kb / 2P
   480W Single Output Industrial DIN RAIL with PFC Function
DRP-480 MEANWELL-DRP-480 Datasheet
151Kb / 2P
   480W Single Output Industrial DIN RAIL with PFC Function
DRP-480 MEANWELL-DRP-480_11 Datasheet
160Kb / 2P
   480W Single Output Industrial DIN RAIL with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com