Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR-120-12 Datasheet(PDF) 2 Page - Total Power International

Part # DR-120-12
Description  120W Single Output Industrial DIN RAIL Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

DR-120-12 Datasheet(HTML) 2 Page - Total Power International

  DR-120-12 Datasheet HTML 1Page - Total Power International DR-120-12 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CaseNo.921A
Unit:mm
INPUTVOLTAGE(V)60Hz
Ta=25
AMBIENTTEMPERATURE(
)
-10
0
10
20
30
45
50
60
20
40
60
80
100
12V,24V
48V
100
200
85
170
160
8
80
180
190
95
90
12
16
20
24
115
230
210
220
110
105
250
240
260
125
120
130
28
32
80
100
150
200
250
300
350
(VERTICAL)
MechanicalSpecification
StaticCharacteristics(24V)
120WSingleOutputIndustrialDINRAIL PowerSupply
D R - 1 2 0 series
DeratingCurve
BlockDiagram
fosc:55KHz
O.V.P.
CONTROL
FG
I/P
-V
+V
RECTIFIERS
&
FILTER
SWITCHING
POWER
FILTER
&
RECTIFIERS
FILTER
EMI
O.L.P.
DETECTION
CIRCUIT
PWM
O.T.P.
230
115
TerminalPinNo. Assignment(TB1)
TerminalPinNo. Assignment(TB2)
PinNo.
PinNo.
1
1,2
2
3,4
3
Assignment
Assignment
FG
AC/L
AC/N
DCOUTPUT +V
DCOUTPUT -V
ADMISSIBLEDIN-RAIL: TS35/7.5OR TS35/15
2
1
3
TB2
TB1
4
2
1
3
LED
+V ADJ.
125.2
Authorized Distributor: Total Power International, Inc. Toll Free: 877-646-0900(US) PH# (978) 453-7272 www.total-power.com


Similar Part No. - DR-120-12

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
DR-120-12 TOTAL-POWER-DR-120-12 Datasheet
373Kb / 2P
   120W Single Output Industrial DIN RAIL Power Supply
logo
Astrodyne Corporation
DR-120-12 ASTRODYNE-DR-120-12 Datasheet
328Kb / 2P
   120W Single Output Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DR-120-12 MEANWELL-DR-120-12 Datasheet
117Kb / 2P
   120W Single Output Industrial DIN RAIL Power Supply
logo
MicroPower Direct, LLC
DR-120-12 MPD-DR-120-12 Datasheet
118Kb / 2P
   Low Cost, Industrial 120W, DIN Rail Mount AC/DC Power Supplies
More results

Similar Description - DR-120-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
WDR-120 MEANWELL-WDR-120 Datasheet
339Kb / 3P
   120W Single Output Industrial DIN RAIL Power Supply
DRH-120 MEANWELL-DRH-120_09 Datasheet
277Kb / 2P
   120W Single Output Industrial DIN RAIL Power Supply
logo
Total Power Internation...
WDR-120 TOTAL-POWER-WDR-120 Datasheet
411Kb / 2P
   120W Single Output Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
WDR-120-12 MEANWELL-WDR-120-12 Datasheet
336Kb / 3P
   120W Single Output Industrial DIN RAIL Power Supply
logo
Total Power Internation...
DRH-120 TOTAL-POWER-DRH-120 Datasheet
317Kb / 2P
   120W Single Output Industrial DIN RAIL Power Supply
logo
Altech corporation
PS120 ALTECH-PS120_1 Datasheet
92Kb / 2P
   120W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DR-120 MEANWELL-DR-120 Datasheet
117Kb / 2P
   120W Single Output Industrial DIN RAIL Power Supply
DRH-120 MEANWELL-DRH-120 Datasheet
252Kb / 2P
   120W Single Output Industrial DIN RAIL Power Supply
DRH-120 MEANWELL-DRH-120_11 Datasheet
277Kb / 2P
   120W Single Output Industrial DIN RAIL Power Supply
logo
Total Power Internation...
DR-120 TOTAL-POWER-DR-120 Datasheet
373Kb / 2P
   120W Single Output Industrial DIN RAIL Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com