Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SiP12108DMP-T1GE4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SiP12108DMP-T1GE4
Description  2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiP12108DMP-T1GE4 Datasheet(HTML) 3 Page - Vishay Siliconix

  SiP12108DMP-T1GE4 Datasheet HTML 1Page - Vishay Siliconix SiP12108DMP-T1GE4 Datasheet HTML 2Page - Vishay Siliconix SiP12108DMP-T1GE4 Datasheet HTML 3Page - Vishay Siliconix SiP12108DMP-T1GE4 Datasheet HTML 4Page - Vishay Siliconix SiP12108DMP-T1GE4 Datasheet HTML 5Page - Vishay Siliconix SiP12108DMP-T1GE4 Datasheet HTML 6Page - Vishay Siliconix SiP12108DMP-T1GE4 Datasheet HTML 7Page - Vishay Siliconix SiP12108DMP-T1GE4 Datasheet HTML 8Page - Vishay Siliconix SiP12108DMP-T1GE4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SiP12108, SiP12108A
www.vishay.com
Vishay Siliconix
S13-2257-Rev. B, 11-Nov-13
3
Document Number: 62699
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITION
UNLESS OTHERWISE SPECIFIED
VIN = AVIN = 3.3 V, TA = -40 °C to 85 °C
LIMITS
UNIT
MIN.
TYP.
MAX.
POWER SUPPLY
Power Input Voltage Range
VIN
2.8
-
5.5
V
Bias Input Voltage Range
AVIN
2.8
-
5.5
Input Current
IIN_NOLOAD
Non- switching, IO = 0 A,
Ron = 100 k, AUTO = Low
-
1200
-
μA
Shutdown Current
IIN_SHDN
EN = 0 V
-
6
9.5
AVIN UVLO Threshold
AVIN_UVLO
AVIN rising
2.3
2.55
2.8
V
AVIN UVLO Hysteresis
AVIN_UVLO_HYS
-
300
-
mV
PWM CONTROLLER
Feedback Reference
VFB
TA = 0 °C to +70 °C
0.594
0.600
0.606
V
TA = -40 °C to +85 °C
0.591
0.600
0.609
VFB Input Bias Current
IFB
-
2
200
nA
Transconductance
gm
-1
-
mS
GMO Source Current
IGMO_SOURCE
-50
-
μA
GMO Sink Current
IGMO_SINK
-50
-
Switching Frequency Range
fSW
Guaranted by design
0.2
-
4
MHz
Minimum On-Time
tON_MIN
Guaranted by design
-
50
-
ns
Minimum Off-Time
tOFF_MIN
VOUT = 1.2 V, RON = 100 k
-
125
-
Soft Start Time
tSS
-1.5
-
ms
INTEGRATED MOSFETS
High-Side On Resistance
RON_HS
VIN = AVIN = 5 V
-35
51
m
Low-Side On Resistance
RON_LS
-23
35
FAULT PROTECTIONS
Over Current Limit
IOCP
Inductor valley current
-
7.5
-
A
Output OVP Threshold
VFB_OVP
VFB with respect to 0.6 V reference
-21
-
%
Output UVP Threshold
VFB_UVP
--25
-
Over Temperature Protection
Rising temperature
-
160
-
°C
Hysteresis
-
30
-
POWER GOOD
Power Good Output Threshold
VFB_RISING_VTH_OV
VFB rising above 0.6 V reference
-
21
-
%
VFB_FALLING_VTH_UV
VFB falling below 0.6 V reference
-
-12.5
-
Power Good On Resistance
RON_PGOOD
-30
60
Power Good Delay Time
tDLY_PGOOD
-4
-
μs
ENABLE THRESHOLD
Logic High Level
VEN_H
1.5
-
-
V
Logic Low Level
VEN_L
--
0.4


Similar Part No. - SiP12108DMP-T1GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12108DMP-T1GE4 VISHAY-SIP12108DMP-T1GE4 Datasheet
1Mb / 17P
   2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
01-Jan-2022
More results

Similar Description - SiP12108DMP-T1GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12108 VISHAY-SIP12108_V01 Datasheet
1Mb / 17P
   2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
01-Jan-2022
logo
Renesas Technology Corp
DA9211 RENESAS-DA9211 Datasheet
2Mb / 75P
   2.8 V to 5.5 V Input voltage
22-Feb-2022
logo
Vishay Siliconix
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
logo
Texas Instruments
TPS65280 TI-TPS65280_15 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
logo
Vishay Siliconix
SIC431 VISHAY-SIC431 Datasheet
809Kb / 24P
   Synchronous Buck Regulator 24 V Input, 24 A (SiC431)
logo
Fairchild Semiconductor
FAN2103 FAIRCHILD-FAN2103_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com