Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP2100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP2100
Description  5 V, 1 A H-Bridge Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2100 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP2100 Datasheet HTML 1Page - Vishay Siliconix SIP2100 Datasheet HTML 2Page - Vishay Siliconix SIP2100 Datasheet HTML 3Page - Vishay Siliconix SIP2100 Datasheet HTML 4Page - Vishay Siliconix SIP2100 Datasheet HTML 5Page - Vishay Siliconix SIP2100 Datasheet HTML 6Page - Vishay Siliconix SIP2100 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
SiP2100
New Product
Document Number: 63949
S12-2801-Rev. B, 10-Dec-12
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
5 V, 1 A H-Bridge Motor Driver
DESCRIPTION
The SIP2100 is an integrated, buffered H-bridge with TTL
and CMOS compatible inputs with the capability of delivering
up to 1 A continuous current at 5 V VDD supply.
The SIP2100 has two independent logic inputs that can set
four different motor operation modes: normal rotation,
reverse rotation, stop (idling) and braking. The internal
shoot-through protection logic also prevents upper and lower
outputs from being turned on simultaneously.
The SiP2100 offers high efficiency with an extremely low
operating current. The device also benefits from over
temperature protection with a shut down hysteresis of 20 °C.
The SIP2100 is available in SOIC8 package.
FEATURES
1 A drive capability
Optimized for 5 V VDD bias
Extremely low idle current
Shoot-through protection scheme
Thermal shutdown
Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
High performance servo
Optical/tape disk drives
Brush/stepper motor driver
PACKAGE OUTLINE
FUNCTIONAL BLOCK DIAGRAM AND TRUTH TABLE
Fig. 1 - Package and Pinout
Fig. 2 - Functional Block Diagram
TRUTH TABLE
INA
INB
OUTA
OutB
1010
0101
0000
11
HiZ
HiZ
1
2
3
4
8
7
6
5
SA
SB
GND
VDD
OUTA
OUTB
INA
INB
SOIC (Top View)


Similar Part No. - SIP2100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP2100 VISHAY-SIP2100 Datasheet
173Kb / 7P
   5 V, 1 A H-Bridge Motor Driver
08-Feb-17
SIP2100 VISHAY-SIP2100_V01 Datasheet
173Kb / 7P
   5 V, 1 A H-Bridge Motor Driver
08-Feb-17
More results

Similar Description - SIP2100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP2100 VISHAY-SIP2100_V01 Datasheet
173Kb / 7P
   5 V, 1 A H-Bridge Motor Driver
08-Feb-17
logo
Texas Instruments
DRV8829 TI-DRV8829_15 Datasheet
1,016Kb / 27P
[Old version datasheet]   DRV8829 5-A 45-V Single H-Bridge Motor Driver
logo
Freescale Semiconductor...
17511A FREESCALE-17511A Datasheet
222Kb / 16P
   1.0 A 6.8 V H-Bridge Motor Driver IC
17533 FREESCALE-17533 Datasheet
372Kb / 12P
   0.7 A 6.8 V Dual H-Bridge Motor Driver
MPC17511A FREESCALE-MPC17511A Datasheet
852Kb / 17P
   1.0 A 6.8 V H-Bridge Motor Driver IC
MPC17510 FREESCALE-MPC17510 Datasheet
407Kb / 14P
   1.2 A 15 V H-Bridge Motor Driver IC
logo
Motorola, Inc
MPC17510EJ MOTOROLA-MPC17510EJ Datasheet
490Kb / 12P
   1.2 A 15 V H-Bridge Motor Driver IC
logo
Renesas Technology Corp
HD74LV2GT04A RENESAS-HD74LV2GT04A Datasheet
83Kb / 8P
   1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Freescale Semiconductor...
17510 FREESCALE-17510 Datasheet
407Kb / 14P
   1.2 A 15 V H-Bridge Motor Driver IC
logo
Renesas Technology Corp
HD74HC670 RENESAS-HD74HC670 Datasheet
106Kb / 9P
   1.0 A 6.8 V H-Bridge Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com