Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SiC772DB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SiC772DB
Description  DrMOS Integrated Power Stage
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC772DB Datasheet(HTML) 1 Page - Vishay Siliconix

  SiC772DB Datasheet HTML 1Page - Vishay Siliconix SiC772DB Datasheet HTML 2Page - Vishay Siliconix SiC772DB Datasheet HTML 3Page - Vishay Siliconix SiC772DB Datasheet HTML 4Page - Vishay Siliconix SiC772DB Datasheet HTML 5Page - Vishay Siliconix SiC772DB Datasheet HTML 6Page - Vishay Siliconix SiC772DB Datasheet HTML 7Page - Vishay Siliconix SiC772DB Datasheet HTML 8Page - Vishay Siliconix SiC772DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
SiC772CD
Document Number: 63822
S13-1024-Rev. B, 10-Jun-13
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
DrMOS Integrated Power Stage
DESCRIPTION
The SiC772 is an integrated power stage solution optimized
for synchronous buck applications to offer high current, high
efficiency and high power density performance. Packaged in
Vishay’s proprietary 6 mm x 6 mm MLP package, SiC772
enables voltage regulator design to deliver in excess of 40 A
per phase current.
The internal Power MOSFETs utilizes Vishay’s state-of-the-
art TrenchFET Gen IV technology that delivers industry
bench-mark performance to significantly reduce switching
and conduction losses.
The SiC772 incorporates an advanced MOSFET gate driver
IC that features high current driving capability, adaptive
dead-time control, and integrated bootstrap Schottky diode;
a thermal warning (THWn) alerts the system of excessive
junction temperature. This driver is also compatible with wide
range of PWM controllers with the support of Tri-state PWM,
5 V PWM Logic, and skip mode (SMOD) for improve light
load efficiency.
FEATURES
Thermally enhanced PowerPAK MLP6x6-40L
package
Industry benchmark MOSFET with integrated
Schottky diode
Delivers in excess of 40 A continuous current
86 % peak efficiency at 19 V to 1 V and 18 A
High frequency operation up to 1.5 MHz
Power MOSFETs optimized for 19 V input stage
5 V PWM Logic with Tri-state and hold-off
SMOD logic for light load efficiency boost
Low PWM propagation delay (< 20 ns)
Thermal monitor flag
Faster enable/disenable (10 ns)
•VCIN UVLO
Compliant with Intel DrMOS 4.0 specification
Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note:
* This
datasheet
provides
information
about
parts
that are
RoHS-compliant and/or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information/tables in this datasheet for details.
APPLICATIONS
Synchronous buck converters
Multi-phase VRDs for CPU, GPU, and memory
DC/DC POL modules
Notebook computers
TYPICAL APPLICATION DIAGRAMM
Figure 1: SiC772 Typical Application Diagram
PWM
Controller
Gate
Driver
5V
VIN
VOUT
VCIN
SMOD
DSBL#
PWM
THWn
BOOT
VSHW
PHASE
Available
Available


Similar Part No. - SiC772DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC770CD VISHAY-SIC770CD Datasheet
450Kb / 13P
   DrMOS Integrated Power Stage
Rev. A, 27-May-13
SiC770CD-T1-GE3 VISHAY-SiC770CD-T1-GE3 Datasheet
450Kb / 13P
   DrMOS Integrated Power Stage
Rev. A, 27-May-13
SiC770DB VISHAY-SiC770DB Datasheet
450Kb / 13P
   DrMOS Integrated Power Stage
Rev. A, 27-May-13
SIC778A VISHAY-SIC778A Datasheet
719Kb / 13P
   High Performance DrMOS ??Integrated Power Stage
Rev. B, 21-May-12
SIC778A VISHAY-SIC778A Datasheet
728Kb / 13P
   High Performance DrMOS ??Integrated Power Stage
08-Feb-17
More results

Similar Description - SiC772DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC780 VISHAY-SIC780 Datasheet
343Kb / 14P
   Integrated DrMOS Power Stage
Rev. B, 21-May-12
SIC770CD VISHAY-SIC770CD Datasheet
450Kb / 13P
   DrMOS Integrated Power Stage
Rev. A, 27-May-13
SIC780 VISHAY-SIC780_V01 Datasheet
319Kb / 14P
   Integrated DrMOS Power Stage
08-Feb-17
SIC769 VISHAY-SIC769 Datasheet
380Kb / 18P
   Integrated DrMOS Power Stage
Rev. F, 16-May-11
SIC779 VISHAY-SIC779 Datasheet
372Kb / 17P
   Integrated DrMOS Power Stage
Rev. B, 18-Apr-11
SIC769AC VISHAY-SIC769AC Datasheet
543Kb / 19P
   Integrated DrMOS Power Stage
Rev. B, 18-Jan-10
SIC762CD VISHAY-SIC762CD_V01 Datasheet
548Kb / 18P
   Integrated DrMOS Power Stage
08-Feb-17
SIC779 VISHAY-SIC779_V01 Datasheet
378Kb / 17P
   Integrated DrMOS Power Stage
08-Feb-17
SIC769ACD VISHAY-SIC769ACD_V01 Datasheet
543Kb / 19P
   Integrated DrMOS Power Stage
08-Feb-17
SIC762CD VISHAY-SIC762CD Datasheet
542Kb / 18P
   Integrated DrMOS Power Stage
Rev. A, 08-Feb-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com