Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIC620R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIC620R
Description  60 A VRPower Integrated Power Stage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC620R Datasheet(HTML) 2 Page - Vishay Siliconix

  SIC620R Datasheet HTML 1Page - Vishay Siliconix SIC620R Datasheet HTML 2Page - Vishay Siliconix SIC620R Datasheet HTML 3Page - Vishay Siliconix SIC620R Datasheet HTML 4Page - Vishay Siliconix SIC620R Datasheet HTML 5Page - Vishay Siliconix SIC620R Datasheet HTML 6Page - Vishay Siliconix SIC620R Datasheet HTML 7Page - Vishay Siliconix SIC620R Datasheet HTML 8Page - Vishay Siliconix SIC620R Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SiC620R, SiC620AR
www.vishay.com
Vishay Siliconix
S14-2189, Rev. A 03-Nov-14
2
Document Number: 63589
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PINOUT CONFIGURATION
Fig. 2 - SiC620R and SiC620AR Pin Configuration
PIN CONFIGURATION
PIN NUMBER
NAME
FUNCTION
1PWM
PWM control input
2
ZCD_EN#
ZCD control. Active low
3VCIN
Supply voltage for internal logic circuitry
4, 32
CGND
Analog ground for the driver IC
5
BOOT
High-side driver bootstrap voltage
6
GH
High-side gate signal
7
PHASE
Return path of high-side gate driver
8 to 11, 34
VIN
Power stage input voltage. Drain of high-side MOSFET
12 to 15, 28, 35
PGND
Power ground
16 to 26
VSWH
Switch node of the power stage
27, 33
GL
Low-side gate signal
29
VDRV
Supply voltage for internal gate driver
30
THWn
Thermal warning open drain output
31
DSBL#
Disable pin. Active low
ORDERING INFORMATION
PART NUMBER
PACKAGE
MARKING CODE
OPTION
SiC620RCD-T1-GE3
PowerPAK MLP55-31L
SiC620R
5 V PWM optimized
SiC620ARCD-T1-GE3
PowerPAK MLP55-31L
SiC620AR
3.3 V PWM optimized
SiC620RDB / SiC620ARDB
Reference board
C
GND
BOOT
PHASE
V
IN
GH
PWM
ZCD_EN#
V
CIN
Top view
Bottom view
C
GND
BOOT
PHASE
V
IN
HG
PWM
ZCD_EN#
V
CIN
35
PGND
34
VIN
32
CGND
GL
2
1
31
29
30
28 27 26 25 24
4
3
6
5
8
7
15
14
13
12
11
10
9
2
1
4
3
6
5
8
7
15 14 13 12
11 10
9
24 25 26 27 28 29 30 31
V
SWH 23
33
GL
V
SWH 22
V
SWH 21
V
SWH 20
V
SWH 19
V
SWH 18
V
SWH 17
V
SWH 16
23 V
SWH
22 V
SWH
21 V
SWH
20 V
SWH
19 V
SWH
16 V
SWH
18 V
SWH
17 V
SWH
15


Similar Part No. - SIC620R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC620R VISHAY-SIC620R Datasheet
297Kb / 19P
   60 A VRPower짰 Integrated Power Stage
01-Jan-2022
SIC620RCD-T1-GE3 VISHAY-SIC620RCD-T1-GE3 Datasheet
297Kb / 19P
   60 A VRPower짰 Integrated Power Stage
01-Jan-2022
SIC620RDB/SIC620ARDB VISHAY-SIC620RDB/SIC620ARDB Datasheet
297Kb / 19P
   60 A VRPower짰 Integrated Power Stage
01-Jan-2022
SIC620R VISHAY-SIC620R_V01 Datasheet
297Kb / 19P
   60 A VRPower짰 Integrated Power Stage
01-Jan-2022
More results

Similar Description - SIC620R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
   60 A VRPower Integrated Power Stage
Rev. E, 08-Dec-14
SIC789 VISHAY-SIC789 Datasheet
310Kb / 19P
   60 A VRPower® Integrated Power Stage
Rev. B, 08-Dec-14
SIC530 VISHAY-SIC530 Datasheet
378Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. B, 02-Nov-15
SIC632 VISHAY-SIC632 Datasheet
322Kb / 19P
   50 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
SIC631 VISHAY-SIC631 Datasheet
316Kb / 18P
   50 A VRPower Integrated Power Stage
Rev. C, 27-Jun-16
SIC531 VISHAY-SIC531 Datasheet
356Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
SIC532 VISHAY-SIC532 Datasheet
368Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. A, 23-Nov-15
SIC533 VISHAY-SIC533 Datasheet
361Kb / 17P
   35 A VRPower® Integrated Power Stage
Rev. A, 14-Nov-16
SIC521 VISHAY-SIC521 Datasheet
365Kb / 16P
   30 A VRPower® Integrated Power Stage
Rev. B, 09-Feb-15
SIC781CD VISHAY-SIC781CD Datasheet
283Kb / 14P
   50 A, VRPower® Integrated Power Stage
25-Aug-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com