Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIC620 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIC620
Description  60 A VRPower Integrated Power Stage
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC620 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SIC620 Datasheet HTML 4Page - Vishay Siliconix SIC620 Datasheet HTML 5Page - Vishay Siliconix SIC620 Datasheet HTML 6Page - Vishay Siliconix SIC620 Datasheet HTML 7Page - Vishay Siliconix SIC620 Datasheet HTML 8Page - Vishay Siliconix SIC620 Datasheet HTML 9Page - Vishay Siliconix SIC620 Datasheet HTML 10Page - Vishay Siliconix SIC620 Datasheet HTML 11Page - Vishay Siliconix SIC620 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SiC620, SiC620A
www.vishay.com
Vishay Siliconix
S14-2385-Rev. E, 08-Dec-14
8
Document Number: 62922
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS
Test condition: VIN = 12 V, VDRV = VCIN = 5 V, ZCD_EN# = 5 V, VOUT = 1.8 V, LOUT = 250 nH (DCR = 0.32 m
Ω), TA = 25 °C, natural convection
cooling (All power loss and normalized power loss curves show SiC620 and SiC620A losses only unless otherwise stated)
Fig. 6 - Efficiency vs. Output Current
Fig. 7 - Power Loss vs. Output Current
Fig. 8 - Power Loss vs. Input Voltage
Fig. 9 - Safe Operating Area
Fig. 10 - Power Loss vs. Switching Frequency
Fig. 11 - Power Loss vs. Drive Supply Voltage
80
82
84
86
88
90
92
94
96
0
5
10
15
20
25
30
35
40
45
50
55
Output Current, I
OUT (A)
Complete converter efficiency
PIN = [(VIN x IIN) + 5 V x (IVDRV + IVCIN)]
POUT = VOUT x IOUT, measured at output capacitor
500 kHz
300 kHz
1 MHz
800 kHz
1 MHz
0
1
2
3
4
5
6
7
8
0
5
10
15
20
25
30
35
40
45
50
55
Output Current, IOUT (A)
800 kHz
500 kHz
300 kHz
I
OUT = 30 A
0.9
0.95
1
1.05
1.1
1.15
1.2
4
6
8
1012141618
Input Voltage, VIN (V)
300 kHz
1 MHz
0
5
10
15
20
25
30
35
40
45
50
55
60
65
0
25
50
75
100
125
150
PCB Temperature, T
PCB (°C)
0.8
0.9
1
1.1
1.2
1.3
1.4
200
300
400
500
600
700
800
900
1000 1100
Switching Frequency, f
s (kHz)
I
OUT = 30 A
0.9
0.95
1
1.05
1.1
1.15
1.2
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
Drive Supply Voltage, VDRV (V)
IOUT = 30 A


Similar Part No. - SIC620

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC620 VISHAY-SIC620 Datasheet
322Kb / 19P
   60 A VRPower짰 Integrated Power Stage
01-Jan-2022
SIC620A VISHAY-SIC620A Datasheet
322Kb / 19P
   60 A VRPower짰 Integrated Power Stage
01-Jan-2022
SIC620ACD-T1-GE3 VISHAY-SIC620ACD-T1-GE3 Datasheet
322Kb / 19P
   60 A VRPower짰 Integrated Power Stage
01-Jan-2022
SiC620AR VISHAY-SiC620AR Datasheet
322Kb / 18P
   60 A VRPower Integrated Power Stage
Rev. A 03-Nov-14
SIC620AR VISHAY-SIC620AR Datasheet
297Kb / 19P
   60 A VRPower짰 Integrated Power Stage
01-Jan-2022
More results

Similar Description - SIC620

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
   60 A VRPower Integrated Power Stage
Rev. A 03-Nov-14
SIC789 VISHAY-SIC789 Datasheet
310Kb / 19P
   60 A VRPower® Integrated Power Stage
Rev. B, 08-Dec-14
SIC530 VISHAY-SIC530 Datasheet
378Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. B, 02-Nov-15
SIC632 VISHAY-SIC632 Datasheet
322Kb / 19P
   50 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
SIC631 VISHAY-SIC631 Datasheet
316Kb / 18P
   50 A VRPower Integrated Power Stage
Rev. C, 27-Jun-16
SIC531 VISHAY-SIC531 Datasheet
356Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
SIC532 VISHAY-SIC532 Datasheet
368Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. A, 23-Nov-15
SIC533 VISHAY-SIC533 Datasheet
361Kb / 17P
   35 A VRPower® Integrated Power Stage
Rev. A, 14-Nov-16
SIC521 VISHAY-SIC521 Datasheet
365Kb / 16P
   30 A VRPower® Integrated Power Stage
Rev. B, 09-Feb-15
SIC781CD VISHAY-SIC781CD Datasheet
283Kb / 14P
   50 A, VRPower® Integrated Power Stage
25-Aug-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com