Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMOMMT200NOCONN Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # NMOMMT200NOCONN
Description  CABLE ASSEMBLIES/MOUNTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

NMOMMT200NOCONN Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  NMOMMT200NOCONN Datasheet HTML 1Page - Pulse A Technitrol Company NMOMMT200NOCONN Datasheet HTML 2Page - Pulse A Technitrol Company NMOMMT200NOCONN Datasheet HTML 3Page - Pulse A Technitrol Company NMOMMT200NOCONN Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 800 ANTENNA (268-3662)
37
CABLE ASSEMBLIES/MOUNTS
All Larsen NMOHF (high frequency 27 MHz to 6 GHz) mounts convert
from low frequency applications to high frequency applications and
back by pulling or replacing the center pin and insulator.
NMOHF mounts require a 3/4” hole for mounting and include 17’ of
coax.
NMOHF mounts accommodate roof surfaces from 0.1” to .03”.
NMOHFTHK (thick) mounts accommodates roof surfaces up to
1/2” thick.
NMO 3/4” HigH frequeNcy MOuNts
Model
coax
connector
NMOKHFCX
CX (RG-58A/U)
No Conn
NMOKHFCXFME
CX (RG-58A/U)
FME CRIMP
NMOKHFCXMPL
CX (RG-58A/U)
MPL
NMOKHFCXPL
CX (RG-58A/U)
PL-259
NMOKHFDS
DS (RG-58A/U Dual Shield)
No Conn
NMOKHFUD
UD (RG-58U Dual Shield)
No Conn
NMOKHFUDFME
UD (RG-58U Dual Shield)
FME
NMOKHFUDMPL
UD (RG-58U Dual Shield)
MPL
NMOKHFUDSMA
UD (RG-58U Dual Shield)
SMA
NMOKHFUDTNC
UD (RG-58U Dual Shield)
TNC
NMOKHF200SMAI
LMR200
SMA Installed
NMO 3/4” HigH frequeNcy tHick MOuNts
Model
coax
connector
NMOKHFCXTHK
CX (RG-58A/U)
No Conn
NMOKHFDSTHK
DS (RG-58A/U Dual Shield)
No Conn
NMOHF Thick Mount
Low Frequency
Configuration
NMOHF Mount
High Frequency
Configuration
NMOHF Mount
Low Frequency
Configuration
NMO 3/4” staNdard MOuNts
NMO 3/4” standard mounts require a 3/4” hole for mounting and include 17’ of coax.
Model
coax
connector
NMOKNOCONN
CX (RG-58A/U)
No Conn
NMOK
CX (RG-58A/U)
PL-259
NMOKFME
CX (RG-58A/U)
FME
NMOKMPL
CX (RG-58A/U)
MPL Crimp
NMOKDS
DS (RG-58A/U Dual Shield)
No Conn
NMOKDSFME
DS (RG-58A/U Dual Shield)
FME
NMOKUD
UD (RG-58U Dual Shield)
No Conn
NMOKUDFME
UD (RG-58U Dual Shield)
FME
NMOKUDPL
UD (RG-58U Dual Shield)
PL-259T
NMOKUDTNC
UD (RG-58U Dual Shield)
TNC
If your antenna has a “tab” or “pin” connector, use the
NMOHF mount in the low frequency configuration - leave
the center pin and insulator in place as it arrives from the
factory.
If your antenna has a “high frequency” (HF) connector, use
the NMOHF mount in the high frequency configuration -
remove the center pin and insulator.
“Pin”
connector
“Tab”
connector
“HF”
connector
NMOHF Thick Mount
High Frequency
Configuration


Similar Part No. - NMOMMT200NOCONN

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
NMOMMRNOCONN PULSE-NMOMMRNOCONN Datasheet
158Kb / 5P
   ANTENNAS
More results

Similar Description - NMOMMT200NOCONN

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PUM-049-M30 PANDUIT-PUM-049-M30 Datasheet
115Kb / 3P
   Push Mounts and Assemblies
logo
List of Unclassifed Man...
4D10 ETC2-4D10 Datasheet
137Kb / 1P
   Cable and Wire Mounts
logo
Bel Fuse Inc.
MRJ21 BEL-MRJ21 Datasheet
1Mb / 2P
   Cable Assemblies
logo
Samtec, Inc
BNC SAMTEC-BNC Datasheet
416Kb / 2P
   Cable Assemblies
Rev 22FEB22
MCX SAMTEC-MCX Datasheet
220Kb / 1P
   Cable Assemblies
MMCX SAMTEC-MMCX Datasheet
156Kb / 1P
   Cable Assemblies
Rev 01MAY21
logo
PANDUIT CORP.
SG100M-C PANDUIT-SG100M-C Datasheet
291Kb / 4P
   SUPER-GRIP??Cable Ties & Cable Tie Mounts
logo
ERNI Electronics
839000 ERNI-839000 Datasheet
49Kb / 2P
   Flat Cable Assemblies
logo
Pasternack Enterprises,...
PE34573-36 PASTERNACK-PE34573-36 Datasheet
369Kb / 4P
   RF Cable Assemblies
PE3VNA1802 PASTERNACK-PE3VNA1802 Datasheet
443Kb / 5P
   RF Cable Assemblies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com