Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMOMMRNOCONN Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # NMOMMRNOCONN
Description  CABLE ASSEMBLIES/MOUNTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

NMOMMRNOCONN Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  NMOMMRNOCONN Datasheet HTML 1Page - Pulse A Technitrol Company NMOMMRNOCONN Datasheet HTML 2Page - Pulse A Technitrol Company NMOMMRNOCONN Datasheet HTML 3Page - Pulse A Technitrol Company NMOMMRNOCONN Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1 800 ANTENNA (268-3662)
39
CABLE ASSEMBLIES/MOUNTS
NMO square MagNetic MOuNts
NMO square magnetic mounts have the following specifications:
Size:
3.5” x 3”
Cable Length:
12’
Pull Strength:
50 lbs
Model
coax
connector
NMOMMNOCONN
CX (RG-58A/U)
No Conn
NMOMMMPL
CX (RG-58A/U)
MPL
NMOMM
CX (RG-58A/U)
58FCP
NMOMMBNC
CX (RG-58A/U)
BNC
NMOMMPL
CX (RG-58A/U)
PL-259
NMOMMFME
CX (RG-58A/U)
FME
NMOMMDSFME
DS (RG-58A/U Dual Shield)
FME
NMO truNk Lid MOuNts
NMO trunk lid mounts have the following specifications:
Size:
2.5” x 2”
Cable Length:
17’
Model
coax
connector
NMOTLP
CX (RG-58A/U)
PL-259
NMOTLPFME
CX (RG-58A/U)
FME
All Larsen NMOHF (high frequency 27 MHz to 6 GHz) mounts convert from
low frequency applications to high frequency applications and back by pull-
ing or replacing the center pin and insulator.
gPs Lte direct MOuNts
NMOHFGPS mounts have the following specifications:
Frequency:
1575.4 - 1576.4 MHz
Gain:
5 dBic
Polarization: Right-Hand Circular / Vertical
LNA Gain: 26 dB ± 2 dB
Cable:
16.4’ RG-174 (GPS)
VSWR:
Less than 2:1
16.4’ RG-58 (NMOHF)
Size:
.5 x 2 x 4.5
Voltage:
3 or 5 V DC
Color:
Black
Mounting:
5/8 “ Hole
Model
connectors
NMOHFGPSFMENOCONN
FME/No Connector
NMOHFGPSFMESMA
FME/SMA
NMOHFGPSNOCONN
No Connectors
NMOHFGPSSMASMA
SMA/SMA
NOTE: Specifications listed refer to GPS performance. Additional antenna
specifications are dependent on the antenna mounted on the NMO side.


Similar Part No. - NMOMMRNOCONN

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
NMOMMRNOCONN PULSE-NMOMMRNOCONN Datasheet
158Kb / 5P
   ANTENNAS
More results

Similar Description - NMOMMRNOCONN

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PUM-049-M30 PANDUIT-PUM-049-M30 Datasheet
115Kb / 3P
   Push Mounts and Assemblies
logo
List of Unclassifed Man...
4D10 ETC2-4D10 Datasheet
137Kb / 1P
   Cable and Wire Mounts
logo
Bel Fuse Inc.
MRJ21 BEL-MRJ21 Datasheet
1Mb / 2P
   Cable Assemblies
logo
Samtec, Inc
BNC SAMTEC-BNC Datasheet
416Kb / 2P
   Cable Assemblies
Rev 22FEB22
MCX SAMTEC-MCX Datasheet
220Kb / 1P
   Cable Assemblies
MMCX SAMTEC-MMCX Datasheet
156Kb / 1P
   Cable Assemblies
Rev 01MAY21
logo
PANDUIT CORP.
SG100M-C PANDUIT-SG100M-C Datasheet
291Kb / 4P
   SUPER-GRIP??Cable Ties & Cable Tie Mounts
logo
ERNI Electronics
839000 ERNI-839000 Datasheet
49Kb / 2P
   Flat Cable Assemblies
logo
Pasternack Enterprises,...
PE34573-36 PASTERNACK-PE34573-36 Datasheet
369Kb / 4P
   RF Cable Assemblies
PE3VNA1802 PASTERNACK-PE3VNA1802 Datasheet
443Kb / 5P
   RF Cable Assemblies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com