Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSBMC096-16 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSBMC096-16
Description  NSBMC096-16/-25/-33 Burst Memory Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSBMC096-16 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  NSBMC096-16 Datasheet HTML 1Page - National Semiconductor (TI) NSBMC096-16 Datasheet HTML 2Page - National Semiconductor (TI) NSBMC096-16 Datasheet HTML 3Page - National Semiconductor (TI) NSBMC096-16 Datasheet HTML 4Page - National Semiconductor (TI) NSBMC096-16 Datasheet HTML 5Page - National Semiconductor (TI) NSBMC096-16 Datasheet HTML 6Page - National Semiconductor (TI) NSBMC096-16 Datasheet HTML 7Page - National Semiconductor (TI) NSBMC096-16 Datasheet HTML 8Page - National Semiconductor (TI) NSBMC096-16 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Pin Descriptions
TABLE I
Pin
Signal Name
1
A14
2
A15
3
A16
4VCC
5
A17
6
A19
7
A20
8
A18
9
A21
10
A24
11
A22
12
A23
13
A26
14
A25
15
A27
19
A31
20
A28
21
A29
22
A30
23
DC
24
SUP
25
PCLK
26
INT
27
BERR
28
WR
29
BE0
30
DEN
31
BLAST
32
BE1
33
VSS
34
ADS
35
BE2
36
BE3
37
BTERM
38
READY
39
ID0
40
ID1
41
ID2
42
REFRESH
43
LEA
Pin
Signal Name
44
LEB
45
TXA
46
TXB
47
VCC
48
VSS
53
AA0
54
AA1
55
AA2
56
AA3
57
VCC
58
VSS
59
AA4
60
AA5
61
AA6
62
AA7
63
VCC
64
VSS
65
AA8
66
AA9
67
AA10
68
AA11
69
VCC
70
VSS
71
CASA0
72
CASA1
73
CASA2
74
CASA3
75
VCC
76
VSS
77
RASA0
78
RASA1
79
RASA2
80
RASA3
81
VCC
82
MWEA
86
VSS
87
AB0
88
AB1
89
AB2
90
AB3
Pin
Signal Name
91
VCC
92
VSS
93
AB4
94
AB5
95
AB6
96
AB7
97
VCC
98
VSS
99
AB8
100
AB9
101
AB10
102
AB11
103
VCC
104
VSS
105
CASB0
106
CASB1
107
CASB2
108
CASB3
109
VCC
110
VSS
111
RASB0
112
RASB1
113
RASB2
114
RASB3
115
VCC
118
MWEB
119
VSS
120
RESET
121
A2
122
A3
123
A4
124
A5
125
A6
126
A7
127
A8
128
A9
129
A10
130
A11
131
A12
132
A13
Note
In order for the switching characteristics of this device to be guaranteed it is necessary to connect all of the power pins (VCC VSS) to the appropriate power
levels The use of low impedance wiring to the power pins is required In systems using the i960 CA with its attendant high switching rates multi-layer printed circuit
boards with buried power and ground planes are required
3


Similar Part No. - NSBMC096-16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NSBMC096 TI1-NSBMC096 Datasheet
515Kb / 20P
[Old version datasheet]   NSBMC096 Burst Memory Controller
More results

Similar Description - NSBMC096-16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NSBMC096 TI1-NSBMC096 Datasheet
515Kb / 20P
[Old version datasheet]   NSBMC096 Burst Memory Controller
logo
National Semiconductor ...
NSBMC290-16 NSC-NSBMC290-16 Datasheet
318Kb / 20P
   Burst Mode Memory Controller
logo
Intel Corporation
80960CA-33 INTEL-80960CA-33 Datasheet
977Kb / 68P
   80960CA-33, -25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
logo
SPANSION
MBM29BS32LF18 SPANSION-MBM29BS32LF18 Datasheet
314Kb / 60P
   BURST MODE FLASH MEMORY CMOS 32M (2M X 16) BIT
MBM29BS12DH15 SPANSION-MBM29BS12DH15 Datasheet
1Mb / 84P
   BURST MODE FLASH MEMORY CMOS 128M (8M X 16) BIT
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6430 AVAGO-AMMC-6430 Datasheet
638Kb / 7P
   25 - 33 GHz Power Amplifier
logo
Broadcom Corporation.
AMMC-6430 BOARDCOM-AMMC-6430 Datasheet
379Kb / 7P
   25 - 33 GHz Power Amplifier
logo
Generalplus Technology ...
GPCE001A GENERALPLUS-GPCE001A Datasheet
643Kb / 25P
   16-bit Sound Controller with 256K x 16 Flash Memory
GPCE063A GENERALPLUS-GPCE063A Datasheet
668Kb / 29P
   16-Bit Sound Controller with 32K X 16 Flash Memory
logo
NXP Semiconductors
SAA4951 PHILIPS-SAA4951 Datasheet
95Kb / 25P
   Memory controller
April 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com