Electronic Components Datasheet Search |
|
RC2512JS-7N97R6P Datasheet(PDF) 3 Page - YAGEO Corporation |
|
RC2512JS-7N97R6P Datasheet(HTML) 3 Page - YAGEO Corporation |
3 / 8 page Chip Resistor Surface Mount www.yageo.com Aug. 22, 2014 V.0 Product specification 3 8 SERIES RC_P 0100 to 2512 MARKING RC0100 / RC0201 / RC0402 No Marking RC0603 E24 series: 3 digits First two digits for significant figure and 3rd digit for number of zeros RC0805 / RC1206 / RC1210 / RC1218 / RC2010 / RC2512 E24/E96 series: 4 digits First three digits for significant figure and 4th digit for number of zeros Note For further marking information, please see special data sheet "Chip resistors marking". Fig. 2 Value = 10 KΩ PF series Note: construction will be adjusted to resistance value (only for PF series). Fig. 3 Value = 10 KΩ CONSTRUCTION The resistor is constructed on top of a high-grade ceramic body. Internal metal electrodes are added on each end to make the contacts to the thick film resistive element. The composition of the resistive element is a noble metal imbedded into a glass and covered by a second glass to prevent environmental influences. The resistor is laser trimmed to the rated resistance value. The resistor is covered with a protective epoxy coat, finally the two external terminations (matte tin on Nibarrier) are added, as shown in Fig.4. Fig. 4 Chip resistor outlines O Ou uttlliin neess For dimensions, please refer to Table 1 Fig. 1 |
Similar Part No. - RC2512JS-7N97R6P |
|
Similar Description - RC2512JS-7N97R6P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |