Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMOKHFUDMPL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # NMOKHFUDMPL
Description  CABLE ASSEMBLIES/MOUNTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

NMOKHFUDMPL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  NMOKHFUDMPL Datasheet HTML 1Page - Pulse A Technitrol Company NMOKHFUDMPL Datasheet HTML 2Page - Pulse A Technitrol Company NMOKHFUDMPL Datasheet HTML 3Page - Pulse A Technitrol Company NMOKHFUDMPL Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
38
www.pulseelectronics.com/products/antennas
CABLE ASSEMBLIES/MOUNTS
All Larsen NMOHF (high frequency 27 MHz to 6 GHz) mounts convert
from low frequency applications to high frequency applications and
back by pulling or replacing the center pin and insulator.
NMO HigH frequeNcy MagNetic MOuNts
NMOHF round magnetic mounts have the following specifications:
Size:
3.5” Diameter
Cable Length:
12’
Pull Strength:
80 lbs
Model
coax
connector
NMOMMRNOCONN
CX (RG-58A/U)
No Conn
NM0MMR
CX (RG-58A/U)
58FCP
NMOMMRFME
CX (RG-58A/U)
FME Crimp
NMOMMRPL
CX (RG-58A/U)
PL-259
NMOMMRMPL
CX (RG-58A/U)
MPL Crimp
NMOMMRTNC
CX (RG-58A/U)
TNC Crimp
NMOMMRBNC
CX (RG-58A/U)
BNC Crimp
NMOMMRN
CX (RG-58A/U)
N Crimp
NMOMMRDS
DS (RG-58A/U Dual Shield)
No Conn
NMOMMRDSFME
DS (RG-58A/U Dual Shield)
FME
NMOMMRDSMPL
DS (RG-58A/U Dual Shield)
MPL Crimp
NMOMMRDSN
DS (RG-58A/U Dual Shield)
N Crimp
NMOMMRDSSMA
DS (RG-58A/U Dual Shield)
SMA
NMOMMRDSSMAR/P
DS (RG-58A/U Dual Shield)
SMARP
NMOMMRDSPL
DS (RG-58A/U Dual Shield)
PL-259T
NMOMMRDSTNC
DS (RG-58A/U Dual Shield)
TNC
NMOMMT200NOCONN
LMR200
No Conn
NMOMMR200SMA
LMR200
SMA
NMOMMR200N
LMR200
N
NMO 3/8” tHick MOuNts
NMO3/8” mounts have the following specifications:
Mounting:
3/4” hole
Mounting Surface: 0.15” to 0.22” thickness
Cable Length:
17’
Model
coax
connector
NMOKCX38THK
CX (RG-58A/U)
No Conn
NMOKUD38THK
DS (RG-58A/U Dual Shield)
No Conn


Similar Part No. - NMOKHFUDMPL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
NMOKHFUD PULSE-NMOKHFUD Datasheet
158Kb / 5P
   ANTENNAS
NMOKHFUDTHK PULSE-NMOKHFUDTHK Datasheet
158Kb / 5P
   ANTENNAS
More results

Similar Description - NMOKHFUDMPL

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PUM-049-M30 PANDUIT-PUM-049-M30 Datasheet
115Kb / 3P
   Push Mounts and Assemblies
logo
List of Unclassifed Man...
4D10 ETC2-4D10 Datasheet
137Kb / 1P
   Cable and Wire Mounts
logo
Bel Fuse Inc.
MRJ21 BEL-MRJ21 Datasheet
1Mb / 2P
   Cable Assemblies
logo
Samtec, Inc
BNC SAMTEC-BNC Datasheet
416Kb / 2P
   Cable Assemblies
Rev 22FEB22
MCX SAMTEC-MCX Datasheet
220Kb / 1P
   Cable Assemblies
MMCX SAMTEC-MMCX Datasheet
156Kb / 1P
   Cable Assemblies
Rev 01MAY21
logo
PANDUIT CORP.
SG100M-C PANDUIT-SG100M-C Datasheet
291Kb / 4P
   SUPER-GRIP??Cable Ties & Cable Tie Mounts
logo
ERNI Electronics
839000 ERNI-839000 Datasheet
49Kb / 2P
   Flat Cable Assemblies
logo
Pasternack Enterprises,...
PE34573-36 PASTERNACK-PE34573-36 Datasheet
369Kb / 4P
   RF Cable Assemblies
PE3VNA1802 PASTERNACK-PE3VNA1802 Datasheet
443Kb / 5P
   RF Cable Assemblies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com