Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBZ6V8DC Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. MMBZ6V8DC
Description  Dual Zener Transient Voltage Suppressor Diodes for ESD Protection
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MMBZ6V8DC Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBZ6V8DC/A thru MMBZ27VDC/A
Vishay Semiconductors
formerly General Semiconductor
Document Number 88358
www.vishay.com
21-May-02
1
New Product
Dual Zener Transient Voltage Suppressor
Diodes for ESD Protection
0.079 (2.0)
0.037 (0.95)
0.035 (0.9)
0.031 (0.8)
0.037 (0.95)
.016 (0.4)
.037(0.95) .037(0.95)
.122 (3.1)
.016 (0.4)
.016 (0.4)
1
2
3
Top View
.102 (2.6)
.110 (2.8)
.094 (2.4)
Features
• Dual Silicon Planar Zener Diodes with Common
Cathode or Common Anode configurations.
• Dual package provides for Bidirectional or
separate unidirectional configurations.
• The dual configurations protect two separate lines
with only one device.
• Peak Power: 40 watts @1ms (Bidirectional) .
• High temperature Soldering Guaranteed:
230˚C for 10 seconds.
• Ideal for ESD Protection.
• For bidirectional operation, circuit connected to
pins 1 and 2. For unidirectional operation, circuit
connected to pins 1 and 3 or pins 2 and 3.
TO-236AB (SOT-23)
Mechanical Data
Case: SOT-23 Plastic Package
Weight: approx. 0.008g
Terminals: Solderable per MIL-STD-750, method 2026
Packaging Codes/Options:
E8/10K per 13” reel (8mm tape)
E9/3K per 7” reel (8mm tape)
Dimensions in inches
and (millimeters)
Mounting Pad Layout
Maximum Ratings and Thermal Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak Power Dissipation(1) @ TA
≤ 25˚C
Ppk
40(4)
W
Total Power Dissipation
at TA = 25°C
PD
225
mW
on FR-5 Board(2)
Derate above 25˚C
1.8
mW/˚C
Total Power Dissipation
at TA = 25°C
PD
300
mW
on Alumina Substrate(3)
Derate above 25˚C
2.4
mW/˚C
Thermal Resistance Junction to Ambient Air
R
ΘJA
556
°C/W
Operating and Storage Temperature Range
TJ, Tstg
–55 to +150
°C
Notes:
(1) Nonrepetitive current pulse per Figure 2 and derate above TA = 25°C per Figure 3.
(2) FR-5 = 1.0 x 0.75 x 0.62 in.
(3) Alumina = 0.4 x 0.3 x 0.024 in., 99.5% alumina.
(4) The MMBZ6V8DC/A is rated at 24V
Marking:
MMBZ15VDC = TC5
MMBZ27VDC = TC7
MMBZ6V8DC = ?
MMBZ15VDA = TA5
MMBZ27VDA = TA7
MMBZ6V8DA = ?
MMBZ15VDA
MMBZ27VDA
MMBZ15VDC
MMBZ27VDC
Common Anode
Common Cathode
Top
View


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn