Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DASUTWCR5004310 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # DASUTWCR5004310
Description  Ultra-thin white radomeantenna for i-DAS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

DASUTWCR5004310 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  DASUTWCR5004310 Datasheet HTML 1Page - Pulse A Technitrol Company DASUTWCR5004310 Datasheet HTML 2Page - Pulse A Technitrol Company DASUTWCR5004310 Datasheet HTML 3Page - Pulse A Technitrol Company DASUTWCR5004310 Datasheet HTML 4Page - Pulse A Technitrol Company DASUTWCR5004310 Datasheet HTML 5Page - Pulse A Technitrol Company DASUTWCR5004310 Datasheet HTML 6Page - Pulse A Technitrol Company DASUTWCR5004310 Datasheet HTML 7Page - Pulse A Technitrol Company DASUTWCR5004310 Datasheet HTML 8Page - Pulse A Technitrol Company DASUTWCR5004310 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Issue:1651
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: UltraThin, clear radome
antenna for iDAS
PART NUMBER: DASUTWCxxx
Series: CLARITY
This document covers all product variants of the following product family:
2
Antenna and accessory products covered in this documents are following:
Pulse Part Number
Connector Type
Reflector
DASUTWC500NF
N Female
Not Included
DASUTWC500MD
4.1-9.5 Mini-DIN Female
Not Included
DASUTWC5004310
4.3-10 DIN Female
Not Included
DASUTWCR500NF
N Female
Included
DASUTWCR500MD
4.1-9.5 Mini-DIN Female
Included
DASUTWCR5004310
4.3-10 DIN Female
Included
Accessory Part Number
Description
DASUTCCACC1
Reflector only (not antenna)
Reflector: DASUTCCACC1


Similar Part No. - DASUTWCR5004310

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DASUTWCR5004310 PULSE-DASUTWCR5004310 Datasheet
1Mb / 10P
   Ceiling-Mount Omni Antenna
DASUTWCR5004310 PULSE-DASUTWCR5004310 Datasheet
2Mb / 21P
   Ultra-thin white radomeantenna for i-DAS
More results

Similar Description - DASUTWCR5004310

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DASUTWCXXX PULSE-DASUTWCXXX Datasheet
2Mb / 21P
   Ultra-thin white radomeantenna for i-DAS
DASUTLC500NF PULSE-DASUTLC500NF Datasheet
1Mb / 15P
   DAS, Ultra Thin, Low Clearance Antenna
logo
LUMEX INC.
SML-LXFP0603UWW-TR LUMEX-SML-LXFP0603UWW-TR Datasheet
89Kb / 2P
   0.8x1.6mm ULTRA THIN SMT LED, WHITE, DIFFUSED LENS
logo
KODENSHI_AUK CORP.
KB1608B46 KODENSHI-KB1608B46 Datasheet
177Kb / 4P
   ultra small and thin form package white LED
logo
Laird Tech Smart Techno...
PDQ244915 LSTD-PDQ244915 Datasheet
1Mb / 3P
   Ultra thin, compact ASA UV stable white housing
logo
Nihon Kaiheiki Industry...
GW12RBP NKK-GW12RBP Datasheet
147Kb / 4P
   Ultra-Thin Rockers
logo
List of Unclassifed Man...
GW12RCP ETC2-GW12RCP Datasheet
135Kb / 4P
   Ultra-Thin Rockers
GB215AB ETC2-GB215AB Datasheet
147Kb / 4P
   Ultra-Thin Pushbuttons
logo
Nihon Kaiheiki Industry...
GB215AP NKK-GB215AP Datasheet
141Kb / 4P
   Ultra-Thin Pushbuttons
logo
Maxim Integrated Produc...
MAX8647_0709 MAXIM-MAX8647_0709 Datasheet
265Kb / 15P
   Ultra-Efficient Charge Pumps for Six White/RGB LEDs in 3mm x 3mm Thin QFN
Rev 1; 9/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com