Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL1206AT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL1206AT
Description  Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package, 110 °C Rated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL1206AT Datasheet(HTML) 2 Page - Vishay Siliconix

  IL1206AT Datasheet HTML 1Page - Vishay Siliconix IL1206AT Datasheet HTML 2Page - Vishay Siliconix IL1206AT Datasheet HTML 3Page - Vishay Siliconix IL1206AT Datasheet HTML 4Page - Vishay Siliconix IL1206AT Datasheet HTML 5Page - Vishay Siliconix IL1206AT Datasheet HTML 6Page - Vishay Siliconix IL1206AT Datasheet HTML 7Page - Vishay Siliconix IL1206AT Datasheet HTML 8Page - Vishay Siliconix IL1206AT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83549
302
Rev. 1.7, 08-May-08
IL1205AT/1206AT/1207AT/1208AT
Vishay Semiconductors Optocoupler, Phototransistor Output,
with Base Connection in SOIC-8
Package, 110 °C Rated
Notes
(1) Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum
ratings for extended periods of the time can adversely affect reliability.
(2) Refer to reflow profile for soldering conditions for surface mounted devices (SOP/SOIC).
Fig. 1 - Input Power Dissipation (LED) vs. Ambient Temperature
Fig. 2 - Output Power Dissipation vs. Ambient Temperature
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values were tested requierements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
COUPLER
Isolation test voltage
VISO
4000
VRMS
Operating temperature
Tamb
- 55 to + 110
°C
Total package dissipation (LED and detector)
Ptot
240
mW
Storage temperature
Tstg
- 55 to + 150
°C
Soldering temperature (2)
max. 10 s, dip soldering distance
to seating plane
≥ 1.5 mm
Tsld
260
°C
Derate linearly from 25 °C
2.4
mW/°C
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
010 20 30 4050 60 70 80 90 100 110 120
0
10
20
30
40
50
60
70
80
90
100
Tamb (°C)
0 10 20 30 40 50 60 70 80 90 100110 120
0
10
20
30
40
50
60
70
80
90
100
Tamb (°C)
110
120
130
140
150
160
ELECTRICAL CHARACTERISTCS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 10 mA
VF
1.3
1.5
V
Reverse current
VR = 6 V
IR
0.1
100
µA
Capacitance
VR = 0 V
CI
13
pF
OUTPUT
Collector emitter leakage current
VCE = 10 V
ICEO
5.0
50
nA
Collector emitter breakdown voltage
IC = 100 µA
BVCEO
70
V
Emitter collector breakdown voltage
IE = 100 µA
BVECO
7.0
10
V
Collector base breakdown current
BVCBO
70
V
Saturation voltage, collector emitter
IC = 2 mA, IF = 10 mA
VCEsat
0.4
V
COUPLER
DC current transfer ratio
IF = 10 mA, VCE = 5.0 V
IL1205AT
CTR
40
80
%
IL1206AT
CTR
63
125
%
IL1207AT
CTR
100
200
%
IL1208AT
CTR
100
320
%
IF = 1.0 mA, VCE = 5.0 V
IL1205AT
CTR
13
25
%
IL1206AT
CTR
22
40
%
IL1207AT
CTR
34
60
%
IL1208AT
CTR
56
95
%
Capacitance (input to output)
CIO
0.5
pF


Similar Part No. - IL1206AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL1206AT VISHAY-IL1206AT Datasheet
152Kb / 8P
   Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 Package, 110 °C Rated
01-Jan-2022
IL1206AT VISHAY-IL1206AT Datasheet
153Kb / 8P
   Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 Package, 110 °C Rated
01-Jan-2023
IL1206AT VISHAY-IL1206AT_V02 Datasheet
153Kb / 8P
   Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 Package, 110 °C Rated
01-Jan-2023
More results

Similar Description - IL1206AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL1208AT VISHAY-IL1208AT_V01 Datasheet
152Kb / 8P
   Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 Package, 110 °C Rated
01-Jan-2022
IL1207AT VISHAY-IL1207AT Datasheet
148Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package, 110 °C Rated
Rev. 1.7, 08-May-08
IL1206AT VISHAY-IL1206AT_V02 Datasheet
153Kb / 8P
   Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 Package, 110 °C Rated
01-Jan-2023
IL211AT VISHAY-IL211AT_10 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
Rev. 1.9, 21-Dec-10
IL211AT VISHAY-IL211AT_V02 Datasheet
138Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
01-Jan-2023
IL213AT VISHAY-IL213AT_V01 Datasheet
138Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
01-Jan-2022
VO208AT VISHAY-VO208AT_V01 Datasheet
114Kb / 6P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
01-Jan-2022
VO211AT VISHAY-VO211AT Datasheet
115Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
Rev. 1.0, 02-Dec-08
IL205AT VISHAY-IL205AT_05 Datasheet
259Kb / 7P
   Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 package
Rev. 1.6, 18-Apr-05
VO205AT VISHAY-VO205AT_V02 Datasheet
114Kb / 6P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com