Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-MKI138V3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-MKI138V3
Description  STAudioHub USB interface board based on MP45DT02 and STM32
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-MKI138V3 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-MKI138V3 Datasheet HTML 1Page - STMicroelectronics STEVAL-MKI138V3 Datasheet HTML 2Page - STMicroelectronics STEVAL-MKI138V3 Datasheet HTML 3Page - STMicroelectronics STEVAL-MKI138V3 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
June 2014
DocID026565 Rev 1
1/4
STEVAL-MKI138V3
STAudioHub USB interface board based on MP45DT02 and STM32
Data brief
Features
• Sound card automatically recognized by a PC
as an audio device.
• MEMS microphones provide a high frequency
data stream (1 to 3.25 MHz) of 1-bit digital
samples (PDM technique)
• Audio signals collected from the microphones
are sent to the PC by USB (powered and
connected to PC through USB)
• LED status indicator
• RoHS compliant
Description
The purpose of the STEVAL-MKI138V3
STAudioHub evaluation board is to demonstrate
the decoding and streaming performance of
digital MEMS microphone outputs.
The STEVAL-MKI138V3 hosts the MP45DT02
top-port digital microphone, which works as a
sensor, and the STM32F107RC microcontroller,
working as an audio decoder.
These microphones are analog-to-digital
transducers. They are able to sense sound
pressure and convert this signal into a digital
signal using the PDM technique.
The STM32 microcontroller decodes the PDM
signal coming from the microphones and streams
the audio via the USB.
The STEVAL-MKI138V3 evaluation board is a
sound card which is automatically recognized by
a PC as an audio device. Connection is made
through a USB cable, which also supplies the
board, and then streams the audio collected from
the microphones to the PC.
It is also possible to use the board as an interface
for other microphone PCBs (STEVAL-MKI126Vx).
In this case is recommended the use of the
APWorkbench software tool.
www.st.com


Similar Part No. - STEVAL-MKI138V3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI138V1 STMICROELECTRONICS-STEVAL-MKI138V1 Datasheet
251Kb / 4P
   STAudioHub USB interface board based on MP34DT01 and STM32
June 2013 Rev 2
STEVAL-MKI138V2 STMICROELECTRONICS-STEVAL-MKI138V2 Datasheet
1Mb / 7P
   STAudioHub USB interface board based on the MP34DB01 and STM32
July 2014 Rev 1
More results

Similar Description - STEVAL-MKI138V3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI138V1 STMICROELECTRONICS-STEVAL-MKI138V1 Datasheet
251Kb / 4P
   STAudioHub USB interface board based on MP34DT01 and STM32
June 2013 Rev 2
STEVAL-MKI138V2 STMICROELECTRONICS-STEVAL-MKI138V2 Datasheet
1Mb / 7P
   STAudioHub USB interface board based on the MP34DB01 and STM32
July 2014 Rev 1
STEVAL-MKI117V2 STMICROELECTRONICS-STEVAL-MKI117V2 Datasheet
353Kb / 5P
   MEMS microphone demonstration board based on the MP45DT02 and STM32
STEVAL-PCC009V1 STMICROELECTRONICS-STEVAL-PCC009V1 Datasheet
330Kb / 7P
   Universal USB to serial communication interface demonstration board based on the STM32
STEVAL-CCA035V1 STMICROELECTRONICS-STEVAL-CCA035V1_12 Datasheet
363Kb / 5P
   APWLink USB interface board based on the STA120D
STEVAL-PCC009V3 STMICROELECTRONICS-STEVAL-PCC009V3 Datasheet
845Kb / 7P
   S-Touch짰 product family interface demonstration board based on the STM32
STEVAL-MKI116V1 STMICROELECTRONICS-STEVAL-MKI116V1 Datasheet
360Kb / 5P
   MEMS microphone demonstration board based on the MP34DB01 and STM32
STEVAL-MKI129V1 STMICROELECTRONICS-STEVAL-MKI129V1 Datasheet
99Kb / 4P
   Microphone coupon board based on the MP45DT02 digital MEMS microphone
January 2013 Rev 1
STEVAL-MKI117V1 STMICROELECTRONICS-STEVAL-MKI117V1 Datasheet
363Kb / 5P
   MEMS microphone demonstration board based on the MP34DT01 and STM32
STEVAL-CCM001V2 STMICROELECTRONICS-STEVAL-CCM001V2 Datasheet
189Kb / 7P
   Graphic panel demonstration board based on the STM32
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com