Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4336EA/250G4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4336EA/250G4
Description  SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4336EA/250G4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA4336EA/250G4 Datasheet HTML 2Page - Texas Instruments OPA4336EA/250G4 Datasheet HTML 3Page - Texas Instruments OPA4336EA/250G4 Datasheet HTML 4Page - Texas Instruments OPA4336EA/250G4 Datasheet HTML 5Page - Texas Instruments OPA4336EA/250G4 Datasheet HTML 6Page - Texas Instruments OPA4336EA/250G4 Datasheet HTML 7Page - Texas Instruments OPA4336EA/250G4 Datasheet HTML 8Page - Texas Instruments OPA4336EA/250G4 Datasheet HTML 9Page - Texas Instruments OPA4336EA/250G4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
OPA336, 2336, 4336
6
SBOS068C
www.ti.com
LARGE-SIGNAL STEP RESPONSE
G = 1, C
L = 620pF, VS = +5V
200
µs/div
SMALL-SIGNAL STEP RESPONSE
G = 1, C
L = 200pF, VS = +5V
50
µs/div
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Output Current (mA)
–0
–1
–2
–3
–4
–5
–6
–7
–8
–2.5
–2.0
–1.5
–1.0
–0.5
0
Sinking
Current
+25
°C
–55
°C
+125
°C
V
S = ±2.5V
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Output Current (mA)
0
1
2
3
4
567
8
5
4
3
2
1
0
Sourcing
Current
–55
°C
+25
°C
+125
°C
+125
°C
+25
°C
–55
°C
V
S = +2.3V
V
S = +5V
INPUT BIAS CURRENT
vs INPUT COMMON-MODE VOLTAGE
Common-Mode Voltage (V)
0123
45
4
3
2
1
0
V
S = +5V
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (°C)
–75
–50
–25
0
25
50
75
100
125
1k
100
10
1
0.1
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +5V, and RL = 25kΩ connected to VS/2, unless otherwise noted.


Similar Part No. - OPA4336EA/250G4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4336EA/250G4 BURR-BROWN-OPA4336EA/250G4 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4336EA/250G4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA244 BURR-BROWN-OPA244 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
OPA337 BURR-BROWN-OPA337 Datasheet
179Kb / 9P
   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2337EA3K TI1-OPA2337EA3K Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com