Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2336E/2K5 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2336E/2K5
Description  SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2336E/2K5 Datasheet(HTML) 4 Page - Texas Instruments

  OPA2336E/2K5 Datasheet HTML 1Page - Texas Instruments OPA2336E/2K5 Datasheet HTML 2Page - Texas Instruments OPA2336E/2K5 Datasheet HTML 3Page - Texas Instruments OPA2336E/2K5 Datasheet HTML 4Page - Texas Instruments OPA2336E/2K5 Datasheet HTML 5Page - Texas Instruments OPA2336E/2K5 Datasheet HTML 6Page - Texas Instruments OPA2336E/2K5 Datasheet HTML 7Page - Texas Instruments OPA2336E/2K5 Datasheet HTML 8Page - Texas Instruments OPA2336E/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
OPA336, 2336, 4336
4
SBOS068C
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = +5V, and RL = 25kΩ connected to VS/2, unless otherwise noted.
OPEN-LOOP GAIN/PHASE vs FREQUENCY
1
100
80
60
40
20
0
–20
0
–45
–90
–135
–180
Frequency (Hz)
10
100
1k
10k
100k
1M
G
Φ
SHORT-CIRCUIT CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
±6
±5
±4
±3
±2
±1
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
+I
SC
–I
SC
POWER-SUPPLY and COMMON-MODE
REJECTION RATIO vs FREQUENCY
100
80
60
40
20
0
Frequency (Hz)
1
10
100
1k
10k
100k
CMRR
PSRR
SHORT-CIRCUIT CURRENT vs TEMPERATURE
Temperature (
°C)
8
7
6
5
4
3
2
1
0
–75
–50
–25
0
25
50
75
100
125
V
S = +2.3V
V
S = +5V
–I
SC
+I
SC
+I
SC
–I
SC
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
30
25
20
15
10
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Per Amplifier
QUIESCENT CURRENT vs TEMPERATURE
Temperature (
°C)
30
25
20
15
10
5
0
–75
–50
–25
0
25
50
75
100
125
V
S = +2.3V
V
S = +5V
Per Amplifier


Similar Part No. - OPA2336E/2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2336E/2K5 BURR-BROWN-OPA2336E/2K5 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2336E/2K5 BURR-BROWN-OPA2336E/2K5 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
OPA2336E/2K5G4 BURR-BROWN-OPA2336E/2K5G4 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2336E/2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA244 BURR-BROWN-OPA244 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
OPA337 BURR-BROWN-OPA337 Datasheet
179Kb / 9P
   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2337EA3K TI1-OPA2337EA3K Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com