Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R46KN347000P3K Datasheet(PDF) 9 Page - Kemet Corporation

Part # R46KN347000P3K
Description  R46 (Miniature) Series, Class X2, 275 VAC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46KN347000P3K Datasheet(HTML) 9 Page - Kemet Corporation

Back Button R46KN347000P3K Datasheet HTML 5Page - Kemet Corporation R46KN347000P3K Datasheet HTML 6Page - Kemet Corporation R46KN347000P3K Datasheet HTML 7Page - Kemet Corporation R46KN347000P3K Datasheet HTML 8Page - Kemet Corporation R46KN347000P3K Datasheet HTML 9Page - Kemet Corporation R46KN347000P3K Datasheet HTML 10Page - Kemet Corporation R46KN347000P3K Datasheet HTML 11Page - Kemet Corporation R46KN347000P3K Datasheet HTML 12Page - Kemet Corporation R46KN347000P3K Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3094_R46_X2_275_110C_MIN • 6/9/2016
9
Metallized Polypropylene Film EMI Suppression Capacitors
R46 (Miniature) Series, Class X2, 275 VAC, 110ºC
Soldering Process cont'd
Wave Soldering Recommendations cont'd
1. The table indicates the maximum set-up temperature of the soldering process
Figure 1
Dielectric
Film Material
Maximum Preheat
Temperature
Maximum
Peak Soldering
Temperature
Capacitor
Pitch
≤10mm
Capacitor
Pitch
= 15 mm
Capacitor
Pitch
> 15 mm
Capacitor
Pitch
≤15mm
Capacitor
Pitch
> 15 mm
Polyester
130°C
130°C
130°C
270°C
270°C
Polypropylene
100°C
110°C
130°C
260°C
270°C
Paper
130°C
130°C
140°C
270°C
270°C
Polyphenylene
Sulphide
150°C
150°C
160°C
270°C
270°C
2. The maximum temperature measured inside the capacitor:
Set the temperature so that inside the element the maximum temperature is below the limit:
Dielectric Film Material
Maximum temperature
measured inside the element
Polyester
160°C
Polypropylene
110°C
Paper
160°C
Polyphenylene
sulphide
160°C
Temperature monitored inside the capacitor.
Selective Soldering Recommendations
Selectivedipsolderingisavariationofreflowsoldering.Inthismethod,theprintedcircuitboardwiththrough-holecomponentstobe
solderedispreheatedandtransportedoverthesolderbathasinnormalflowsolderingwithouttouchingthesolder.Whentheboardis
over the bath, it is stopped and pre-designed solder pots are lifted from the bath with molten solder only at the places of the selected
components, and pressed against the lower surface of the board to solder the components.
Thetemperatureprofileforselectivesolderingissimilartothedoublewaveflowsolderingoutlinedinthisdocument,however, instead
of two baths, there is only one bath with a time from 3 to 10 seconds. In selective soldering, the risk of overheating is greater than
indoublewaveflowsoldering,andgreatcaremustbetakensothatthepartsarenotoverheated.


Similar Part No. - R46KN347000P3K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KN347000P1K KEMET-R46KN347000P1K Datasheet
37Kb / 1P
   Capacitor, film, 0.47 F, /-10% Tol, -40/110C, Safety: X2, 275VAC,Lead Spacing=22.5 mm
R46KN347000P1M KEMET-R46KN347000P1M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene, 0.47 F, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
More results

Similar Description - R46KN347000P3K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KN322000H1M KEMET-R46KN322000H1M Datasheet
1Mb / 16P
   R46 Series, Class X2, 275 VAC
R46KI322000M2K KEMET-R46KI322000M2K Datasheet
3Mb / 16P
   R46 Series, Class X2, 275 VAC, 110C
R463N322000H1M KEMET-R463N322000H1M Datasheet
901Kb / 18P
   R46, Class X2, 310 VAC, 125째C
1/13/2022
P276QE104M275A KEMET-P276QE104M275A Datasheet
2Mb / 14P
   PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
R46KF310000M1M KEMET-R46KF310000M1M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.1 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 10mm
R46KI22200001M KEMET-R46KI22200001M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.022 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 15mm
R46KI333000M1M KEMET-R46KI333000M1M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.33 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 15mm
R46KI24700001M KEMET-R46KI24700001M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.047 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 15mm
R46KR433000M2M KEMET-R46KR433000M2M Datasheet
227Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 3.3 uF, 20%, 275 VAC (X2), 560 VDC, 110°C, Lead Spacing = 27.5mm
10/20/2022
R46KR447000M1M KEMET-R46KR447000M1M Datasheet
226Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 4.7 uF, 20%, 275 VAC (X2), 560 VDC, 110°C, Lead Spacing = 27.5mm
10/20/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com