Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R46KI347000P3K Datasheet(PDF) 5 Page - Kemet Corporation

Part # R46KI347000P3K
Description  R46 (Miniature) Series, Class X2, 275 VAC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46KI347000P3K Datasheet(HTML) 5 Page - Kemet Corporation

  R46KI347000P3K Datasheet HTML 1Page - Kemet Corporation R46KI347000P3K Datasheet HTML 2Page - Kemet Corporation R46KI347000P3K Datasheet HTML 3Page - Kemet Corporation R46KI347000P3K Datasheet HTML 4Page - Kemet Corporation R46KI347000P3K Datasheet HTML 5Page - Kemet Corporation R46KI347000P3K Datasheet HTML 6Page - Kemet Corporation R46KI347000P3K Datasheet HTML 7Page - Kemet Corporation R46KI347000P3K Datasheet HTML 8Page - Kemet Corporation R46KI347000P3K Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3094_R46_X2_275_110C_MIN • 6/9/2016
5
Metallized Polypropylene Film EMI Suppression Capacitors
R46 (Miniature) Series, Class X2, 275 VAC, 110ºC
Performance Characteristics cont'd
* Typical value
Impedance Graph
DissipationFactor(tanδ)
≤0.1%(0.06%*)@1kHz,+25°C±5°C(*typicalvalue)
Test Voltage Between Terminals
The 100% screening factory test is carried out at 2,200 VDC/1,500 VAC. The voltage level is selected to meet the
requirements in applicable equipment standards. All electrical characteristics are checked after the test. It is not
permitted to repeat this test as there is a risk to damage the capacitor. KEMET is not liable in such case for any failures.
Insulation Resistance
Measuredat+25°C±5°C,accordingtoIEC60384–2
Minimum Values Between Terminals
Voltage Charge
Voltage Charge Time
C≤0.33μF
C>0.33μF
100 VDC
1 minute
≥1•105
(≥5•105MΩ)*
≥30,000MΩ•µF
(≥150,000MΩ•µF)*
In DC Applications
Recommendedvoltage≤560VDC


Similar Part No. - R46KI347000P3K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KI347000M1M KEMET-R46KI347000M1M Datasheet
60Kb / 1P
   R46_275, Film, Metallized Polypropylene, Safety, 0.47 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 15mm
R46KI347000N0M KEMET-R46KI347000N0M Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.47 uF, 20%, 560 V, 275 V, 110C, Lead Spacing = 15mm
More results

Similar Description - R46KI347000P3K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KN322000H1M KEMET-R46KN322000H1M Datasheet
1Mb / 16P
   R46 Series, Class X2, 275 VAC
R46KI322000M2K KEMET-R46KI322000M2K Datasheet
3Mb / 16P
   R46 Series, Class X2, 275 VAC, 110C
R463N322000H1M KEMET-R463N322000H1M Datasheet
901Kb / 18P
   R46, Class X2, 310 VAC, 125째C
1/13/2022
P276QE104M275A KEMET-P276QE104M275A Datasheet
2Mb / 14P
   PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
R46KF310000M1M KEMET-R46KF310000M1M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.1 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 10mm
R46KI22200001M KEMET-R46KI22200001M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.022 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 15mm
R46KI333000M1M KEMET-R46KI333000M1M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.33 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 15mm
R46KI24700001M KEMET-R46KI24700001M Datasheet
58Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 0.047 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 15mm
R46KR433000M2M KEMET-R46KR433000M2M Datasheet
227Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 3.3 uF, 20%, 275 VAC (X2), 560 VDC, 110°C, Lead Spacing = 27.5mm
10/20/2022
R46KR447000M1M KEMET-R46KR447000M1M Datasheet
226Kb / 1P
   R46 275 VAC, Film, Metallized Polypropylene, Safety, 4.7 uF, 20%, 275 VAC (X2), 560 VDC, 110°C, Lead Spacing = 27.5mm
10/20/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com