Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R71PF24704030K Datasheet(PDF) 1 Page - Kemet Corporation

Part # R71PF24704030K
Description  Film, Metallized Polypropylene, Commercial Grade, R71, 0.047 uF, 10%, 630 V, 105C, Lead Spacing = 10mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R71PF24704030K Datasheet(HTML) 1 Page - Kemet Corporation

  R71PF24704030K Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - cbed75bb-9202-4876-bd83-31895e57b5c1
KEMET Part Number: R71PF24704030K
(71PF24704030K)
Film, Metallized Polypropylene, Commercial Grade, R71, 0.047 uF, 10%, 630 V, 105C, Lead Spacing = 10mm
Dimensions
L
13mm +0.2mm
H
11mm +0.1mm
T
5mm +0.2mm
S
10mm +/-0.4mm
LL
30mm +5mm
F
0.6mm +/-0.05mm
Packaging Specifications
Packaging: Bulk
Packaging Quantity: 1500
General Information
Dielectric: Metallized Polypropylene
Style: Radial
Series: R71
Features: Pulse
RoHS: Yes
Lead: Wire Leads
Miscellaneous: Above 105C DC And AC Voltage
Derating Is 4%/C
Specifications
Capacitance: 0.047 uF
Capacitance Tolerance: 10%
Voltage DC: 630 VDC
Voltage AC: 275 VAC
Temperature Range: -40/+110C
Rated Temperature: 105C
Dissipation Factor: 0.1% 1kHz, 0.1% 10kHz, 0.1%
100kHz
Insulation Resistance: 100 GOhms
Max dVdt: 400 V
Inductance: 9 nH
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - R71PF24704030K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R71PF24704030K KEMET-R71PF24704030K Datasheet
56Kb / 1P
   Capacitor, film, 0.047 uF, /-10% Tol, -40/110C, General Purpose, 630 VDC@105C, Lead Spacing=10 mm
More results

Similar Description - R71PF24704030K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R71VF24704030K KEMET-R71VF24704030K_17 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R71, 0.047 uF, 10%, 520 V, 105C, Lead Spacing = 10mm
R71PN4100AA30K KEMET-R71PN4100AA30K Datasheet
54Kb / 1P
   R71, Film, Metallized Polypropylene, Commercial Grade, 1 uF, 10%, 630 V, 105C, Lead Spacing = 22.5mm
R71PI32204030K KEMET-R71PI32204030K_17 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R71, 0.22 uF, 10%, 630 V, 105C, Lead Spacing = 15mm
R71VF3100AA30K KEMET-R71VF3100AA30K Datasheet
53Kb / 1P
   R71, Film, Metallized Polypropylene, Commercial Grade, 0.1 uF, 10%, 520 V, 105C, Lead Spacing = 10mm
R71PR42204000K KEMET-R71PR42204000K_17 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R71, 2.2 uF, 10%, 630 V, 105C, Lead Spacing = 27.5mm
R71PI31004030K KEMET-R71PI31004030K_17 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R71, 0.1 uF, 10%, 630 V, 105C, Lead Spacing = 15mm
R71MF31004030K KEMET-R71MF31004030K_17 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R71, 0.1 uF, 10%, 420 V, 105C, Lead Spacing = 10mm
R71MF31504030K KEMET-R71MF31504030K_17 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R71, 0.15 uF, 10%, 420 V, 105C, Lead Spacing = 10mm
R71VF26804030K KEMET-R71VF26804030K_17 Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R71, 0.068 uF, 10%, 520 V, 105C, Lead Spacing = 10mm
F461AP473J630A KEMET-F461AP473J630A Datasheet
56Kb / 1P
   F461, Film, Metallized Polypropylene, Commercial Grade, 0.047 uF, 5%, 630 V, 85C, Lead Spacing = 10mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com