Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7710QDQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7710QDQ1
Description  High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7710QDQ1 Datasheet(HTML) 5 Page - Texas Instruments

  ISO7710QDQ1 Datasheet HTML 1Page - Texas Instruments ISO7710QDQ1 Datasheet HTML 2Page - Texas Instruments ISO7710QDQ1 Datasheet HTML 3Page - Texas Instruments ISO7710QDQ1 Datasheet HTML 4Page - Texas Instruments ISO7710QDQ1 Datasheet HTML 5Page - Texas Instruments ISO7710QDQ1 Datasheet HTML 6Page - Texas Instruments ISO7710QDQ1 Datasheet HTML 7Page - Texas Instruments ISO7710QDQ1 Datasheet HTML 8Page - Texas Instruments ISO7710QDQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5
ISO7710-Q1
www.ti.com
SLLSEU2 – MARCH 2017
Product Folder Links: ISO7710-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
ISO7710-Q1
UNIT
DW (SOIC)
D (SOIC)
(16-Pin)
(8-Pin)
RθJA
Junction-to-ambient thermal resistance
94.4
146.1
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
57.3
63.1
°C/W
RθJB
Junction-to-board thermal resistance
57.1
80.0
°C/W
ψJT
Junction-to-top characterization parameter
40.0
9.6
°C/W
ψJB
Junction-to-board characterization parameter
56.8
79.0
°C/W
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
n/a
°C/W
6.5 Power Ratings
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PD
Maximum power dissipation
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
input a 50 MHz 50% duty cycle square wave
50
mW
PD1
Maximum power dissipation by side-1
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
input a 50 MHz 50% duty cycle square wave
12.5
mW
PD2
Maximum power dissipation by side-2
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
input a 50 MHz 50% duty cycle square wave
37.5
mW


Similar Part No. - ISO7710QDQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7710QDWQ1 TI1-ISO7710QDWQ1 Datasheet
540Kb / 31P
[Old version datasheet]   High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7710QDWRQ1 TI1-ISO7710QDWRQ1 Datasheet
540Kb / 31P
[Old version datasheet]   High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
More results

Similar Description - ISO7710QDQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7710-Q1 TI1-ISO7710-Q1 Datasheet
540Kb / 31P
[Old version datasheet]   High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7710 TI1-ISO7710 Datasheet
566Kb / 32P
[Old version datasheet]   ISO7710 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7741E-Q1 TI1-ISO7741E-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   ISO7741E-Q1 Grade 0, High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolator
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7760 TI1-ISO7760_18 Datasheet
2Mb / 40P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760-Q1 TI1-ISO7760-Q1_19 Datasheet
3Mb / 44P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com