Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA336 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA336
Description  SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA336 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA336_17 Datasheet HTML 4Page - Texas Instruments OPA336_17 Datasheet HTML 5Page - Texas Instruments OPA336_17 Datasheet HTML 6Page - Texas Instruments OPA336_17 Datasheet HTML 7Page - Texas Instruments OPA336_17 Datasheet HTML 8Page - Texas Instruments OPA336_17 Datasheet HTML 9Page - Texas Instruments OPA336_17 Datasheet HTML 10Page - Texas Instruments OPA336_17 Datasheet HTML 11Page - Texas Instruments OPA336_17 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
OPA336, 2336, 4336
8
SBOS068C
www.ti.com
accuracy. For example, with RL = 25kΩ, OPA336 series op
amps perform well with capacitive loads in excess of 1000pF,
as shown in Figure 4. Without RS, capacitive load drive is
typically 350pF for these conditions, as shown in Figure 5.
Resistive Load (k
Ω)
10
5
100
10k
1k
100
Operation Above Selected Gain
Curve Not Recommended
G = +1
R
L to Ground
G = +2
R
L to Ground
G = +1
R
L to VS/2
V
S = +5V, VO = VS/2
FIGURE 4. Small-Signal Step Response Using Series Re-
sistor to Improve Capacitive Load Drive.
Alternatively, the resistor may be connected in series with
the output outside of the feedback loop. However, if there is
a resistive load parallel to the capacitive load, it and the
series resistor create a voltage divider. This introduces a
Direct Current (DC) error at the output; however, this error
may be insignificant. For instance, with RL = 100kΩ and
RS = 100Ω, there is only about a 0.1% error at the output.
Figure 5 shows the recommended operating regions for the
OPA336. Decreasing the load resistance generally improves
capacitive load drive. Figure 5 also illustrates how stability
differs depending on where the resistive load is connected.
With G = +1 and RL = 10kΩ connected to VS/2, the OPA336
can typically drive 500pF. Connecting the same load to
ground improves capacitive load drive to 1000pF.
R
S = 100Ω, Load = 2kΩ || 1000pF, VS = +5V
50
µs/div
FIGURE 5. Stability—Capacitive Load vs Resistive Load.


Similar Part No. - OPA336_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA336-EP TI1-OPA336-EP Datasheet
570Kb / 15P
[Old version datasheet]   SINGLE-SUPPLY MICRO-POWER CMOS OPERATIONAL AMPLIFIER MicroAmplifier??SERIES
OPA336MDBVREP TI1-OPA336MDBVREP Datasheet
570Kb / 15P
[Old version datasheet]   SINGLE-SUPPLY MICRO-POWER CMOS OPERATIONAL AMPLIFIER MicroAmplifier??SERIES
logo
Burr-Brown (TI)
OPA336N BURR-BROWN-OPA336N Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA336N BURR-BROWN-OPA336N Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
OPA336N/250 BURR-BROWN-OPA336N/250 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
More results

Similar Description - OPA336_17

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA244 BURR-BROWN-OPA244 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
OPA337 BURR-BROWN-OPA337 Datasheet
179Kb / 9P
   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2337EA3K TI1-OPA2337EA3K Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com