Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM4384 Datasheet(PDF) 10 Page - Texas Instruments

Part # AM4384
Description  Sitara Processors Technical Brief
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM4384 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AM4384 Datasheet HTML 6Page - Texas Instruments AM4384 Datasheet HTML 7Page - Texas Instruments AM4384 Datasheet HTML 8Page - Texas Instruments AM4384 Datasheet HTML 9Page - Texas Instruments AM4384 Datasheet HTML 10Page - Texas Instruments AM4384 Datasheet HTML 11Page - Texas Instruments AM4384 Datasheet HTML 12Page - Texas Instruments AM4384 Datasheet HTML 13Page - Texas Instruments AM4384 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
AM4382, AM4384, AM4388
SPRT726A – MARCH 2017 – REVISED APRIL 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM4382 AM4384 AM4388
Device Comparison
Copyright © 2017, Texas Instruments Incorporated
Table 3-1. Device Features Comparison (continued)
FUNCTION
AM4382
AM4384
AM4388
Timers
12
12
12
DEV_FEATURE register value(2)
0x0FFC7CFE
0x2FFC7CFE
0x2FFD7CFF
Input/output (I/O) supply
1.8 V, 3.3 V
1.8 V, 3.3 V
1.8 V, 3.3 V
Operating temperature range
–40 to 105°C
–40 to 105°C
–40 to 105°C
(1) DRAM speeds listed are data rates.
(2) For more details about the DEV_FEATURE register, see the Device Features section of the AM438x Sitara Processors Technical
Reference Manual.
3.1
Related Products
For information about other devices in this family of products or related products, see the following link:
Sitara Processors Scalable processors based on ARM Cortex-A cores with flexible peripherals,
connectivity and unified software support – perfect for sensors to servers.


Similar Part No. - AM4384

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4380N ANALOGPOWER-AM4380N Datasheet
330Kb / 5P
   N-Channel 200-V (D-S) MOSFET
More results

Similar Description - AM4384

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA726 TI1-DRA726 Datasheet
65Kb / 3P
[Old version datasheet]   Automotive Applications Processors Technical Brief
DRA718 TI1-DRA718 Datasheet
62Kb / 3P
[Old version datasheet]   Automotive Applications Processors Technical Brief
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com